Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8245EC Fiches technique(PDF) 35 Page - Freescale Semiconductor, Inc

No de pièce MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Fiches technique(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
35
Package Description
DUART Control Signals
SOUT1/PCI_CLK0
AC25
Output
GVDD
DRV_MEM_CTRL
13, 14
SIN1/PCI_CLK1
AB25
I/O
GVDD
DRV_MEM_CTRL
13, 14, 26
SOUT2/RTS1/
PCI_CLK2
AE26
Output
GVDD
DRV_MEM_CTRL
13, 14
SIN2/CTS1/
PCI_CLK3
AF25
I
GVDD
DRV_MEM_CTRL
13, 14, 26
Clock-Out Signals
PCI_CLK0/SOUT1
AC25
Output
GVDD
DRV_PCI_CLK
13, 14
PCI_CLK1/SIN1
AB25
Output
GVDD
DRV_PCI_CLK
13, 14, 26
PCI_CLK2/RTS1/
SOUT2
AE26
Output
GVDD
DRV_PCI_CLK
13, 14
PCI_CLK3/CTS1/
SIN2
AF25
Output
GVDD
DRV_PCI_CLK
13, 14, 26
PCI_CLK4/DA3
AF26
Output
GVDD
DRV_PCI_CLK
13, 14
PCI_SYNC_OUT
AD25
Output
GVDD
DRV_PCI_CLK
PCI_SYNC_IN
AB23
Input
GVDD
—
SDRAM_CLK [0:3]
D1 G1 G2 E1
Output
GVDD
DRV_MEM_CTRL
or
DRV_MEM_CLK
6, 21
SDRAM_SYNC_OUT C1
Output
GVDD
DRV_MEM_CTRL
or
DRV_MEM_CLK
21
SDRAM_SYNC_IN
H3
Input
GVDD
—
CKO/DA1
B15
Output
OVDD
DRV_STD_MEM
14
OSC_IN
AD21
Input
OVDD
—19
Miscellaneous Signals
HRST_CTRL
A20
Input
OVDD
—27
HRST_CPU
A19
Input
OVDD
—27
MCP
A17
Output
OVDD
DRV_STD_MEM
3, 4, 17
NMI
D16
Input
OVDD
—
SMI
A18
Input
OVDD
—10
SRESET/SDMA12
B16
I/O
GVDD
DRV_MEM_CTRL
10, 14
TBEN/SDMA13
B14
I/O
GVDD
DRV_MEM_CTRL
10, 14
Table 16. MPC8245 Pinout Listing (continued)
Name
Pin Numbers
Type
Power
Supply
Output
Driver Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68