Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM9DS0 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 17Page - STMicroelectronics LSM9DS0 Datasheet HTML 18Page - STMicroelectronics LSM9DS0 Datasheet HTML 19Page - STMicroelectronics LSM9DS0 Datasheet HTML 20Page - STMicroelectronics LSM9DS0 Datasheet HTML 21Page - STMicroelectronics LSM9DS0 Datasheet HTML 22Page - STMicroelectronics LSM9DS0 Datasheet HTML 23Page - STMicroelectronics LSM9DS0 Datasheet HTML 24Page - STMicroelectronics LSM9DS0 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
DocID024763 Rev 2
21/74
LSM9DS0
Terminology
74
3.2.5
Zero-gauss level
The zero-gauss level offset describes the deviation of an actual output signal from the ideal
output if no magnetic field is present. Thanks to the Set/Reset Pulse and to the magnetic
sensor readout chain, the offset is dynamically cancelled. The Zero-gauss level does not
show any dependency on temperature or power supply.
3.2.6
Zero-rate level
The zero-rate level describes the actual output signal if there is no angular rate present. The
zero-rate level of highly accurate MEMS sensors is, to some extent, a result of stress to the
sensor and therefore the zero-rate level can slightly change after mounting the sensor onto
a printed circuit board or after exposing it to extensive mechanical stress. This value
changes very little over temperature and time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74