Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM330013 Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce DM330013
Description  16-bit Embedded Control Solutions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330013 Fiches technique(HTML) 8 Page - Microchip Technology

Back Button DM330013 Datasheet HTML 4Page - Microchip Technology DM330013 Datasheet HTML 5Page - Microchip Technology DM330013 Datasheet HTML 6Page - Microchip Technology DM330013 Datasheet HTML 7Page - Microchip Technology DM330013 Datasheet HTML 8Page - Microchip Technology DM330013 Datasheet HTML 9Page - Microchip Technology DM330013 Datasheet HTML 10Page - Microchip Technology DM330013 Datasheet HTML 11Page - Microchip Technology DM330013 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8 16-bit Embedded Control Solutions
16-bit Motor Control Products
■ High performance dsPIC DSC core with DSP
instructions for precise control
•    Variable speed with constant torque using PI controllers
•    Field oriented control (FOC) for greater efficiency
■ Industry leading motor control peripherals
■ Dedicated motor control PWM modules
■ High performance on-chip op amps
■ Intelligent, high speed ADC
■ Algorithms and App Notes for
•    BLDC, PMSM, ACIM
•    Sensorless control
•    Field oriented control
•    Certified class B safety software
■ Dual motor control with FOC controlling each motor
■ Multiple package options, ranging from 28–144 pins
■ Scalable motor control tools with low and high
voltage options
Webinar Topics (www.microchip.com/motor)
■ Sensorless Field Oriented Control for ACIM
■ Sensorless Field Oriented Control for PMSM
■ Sensorless BLDC Motor Control Using a Majority Function
■ Brushed DC Motor Basics
■ Stepper Motor Control
Motor Control
Software & App Notes
Motor Type
Algorithm
App Note
Stepper Motor
Full and Half-Stepping
AN1307
Micro-Stepping
AN1307
BLDC and
PMSM
Sensored
AN957
Sensored Sinusoidal
AN1017
Sensorless BEMF
AN901
AN992
Sensorless Filtered BEMF with
Majority Detect
AN1160
Sensorless Dual-Shunt FOC
with SMO Estimator and Field
Weakening
AN1078
Sensorless Dual-Shunt FOC with
SMO and PFC
AN1208
Sensorless Dual-Shunt FOC
with PLL Estimator and Field
Weakening
AN1292
Sensorless Single-Shunt FOC
with SMO Estimator and Field
Weakening
AN1299
AC Induction
Motor
Open Loop V/F
AN984
Closed Loop Vector Control
AN980
Sensorless Dual-Shunt FOC with
PLL Estimator
AN1162
Sensorless Dual-Shunt FOC
with PLL Estimator and Field
Weakening
AN1206
Other
PFC
AN1106
Class B Safety Software
(IEC 60730)
AN1229
Motor Control Sensor
Feedback Circuits
AN894
MOSFET Driver Selection
AN898
Current Sensing Circuit
Concepts and Fundamentals
AN1332
Featured Motor Control Products
Product
dsPIC33EP256MC202
70
28
32–256
4–32
4
4
4
6 Ch
1
3
1, 6 Ch
2
dsPIC33EP256MC204
70
44
32–256
4–32
4
4
4
6 Ch
1
3
1, 9 Ch
2
dsPIC33EP256MC206
70
64
32–256
4–32
4
4
4
6 Ch
1
3
1, 16 Ch
2
dsPIC33FJ32MC101
16
20
16–32
1–2
0
3
2
6 Ch
0
0
1, 4 Ch
1
dsPIC33FJ32MC102
16
28, 36
16–32
1–2
0
3
2
6 Ch
0
0
1, 8 Ch
1
dsPIC33FJ32MC104
16
44
32
2
0
3
2
6 Ch
0
0
1, 14 Ch
1
www.microchip.com/motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20