| Moteur de recherche de fiches techniques de composants électroniques |
|
USB5532B Fiches technique(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5532B Fiches technique(HTML) 10 Page - Microchip Technology |
|
10 / 40 page ![]() 2-Port SS/HS USB Hub Controller Datasheet Revision 1.2 (05-31-13) 10 SMSC USB5532B DATASHEET Chapter 3 Pin Information This chapter outlines the pinning configurations for each chip. The detailed pin descriptions are listed by function in Section 3.2: Pin Descriptions (Grouped by Function) on page 11. 3.1 Pin Configurations Figure 3.1 USB5532B 64-Pin QFN Ground Pad (must be connected to VSS with a via field) SMSC USB5532B (Top View QFN-64) 64 63 62 61 60 59 58 57 56 54 53 52 51 50 49 55 32 31 30 28 27 26 25 VDD12 24 23 22 21 20 19 18 17 VDD33 RBIAS XTALIN/CLK_IN XTALOUT USB3DM_RXUP USB3DP_RXUP VDD12 USB3DM_TXUP USB3DP_TXUP USB2DM_UP USB2DP_UP VDD33 ATEST RESET_N TEST VDD12 29 NC NC NC NC VDD12 NC NC NC NC NC VDD12 NC NC NC NC Indicates pins on the bottom of the device. |