| Moteur de recherche de fiches techniques de composants électroniques |
|
STN0214 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STN0214 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() February 2012 Doc ID 022769 Rev 1 1/7 7 STN0214 Very high voltage NPN power transistor Features ■ High gain ■ Very high voltage capability Applications ■ Haptic ■ High voltage solenoid driving Description The device is an NPN power bipolar transistor manufactured using the latest high-voltage diffused collector technology. Figure 1. Internal schematic diagram SOT-223 1 2 4 3 Table 1. Device summary Order code Marking Package Packaging STN0214 N0214 SOT-223 Tape and reel www.st.com |
Numéro de pièce similaire - STN0214 |
|
Description similaire - STN0214 |