| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F102CBT6 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F102CBT6 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 80 page ![]() DocID15056 Rev 5 21/80 STM32F102x8, STM32F102xB Pinout and pin description 79 - 25 PC5 I/O PC5 ADC_IN15 18 26 PB0 I/O PB0 ADC_IN8/TIM3_CH3(8) 19 27 PB1 I/O PB1 ADC_IN9/TIM3_CH4(8) 20 28 PB2 I/O FT PB2/BOOT1 21 29 PB10 I/O FT PB10 I2C2_SCL/ USART3_TX(8) TIM2_CH3 22 30 PB11 I/O FT PB11 I2C2_SDA/ USART3_RX(8) TIM2_CH4 23 31 VSS_1 SVSS_1 24 32 VDD_1 SVDD_1 25 33 PB12 I/O FT PB12 SPI2_NSS / I2C2_SMBA/ USART3_CK(8) 26 34 PB13 I/O FT PB13 SPI2_SCK(8)/ USART3_CTS 27 35 PB14 I/O FT PB14 SPI2_MISO/ USART3_RTS 28 36 PB15 I/O FT PB15 SPI2_MOSI - 37 PC6 I/O FT PC6 TIM3_CH1 - 38 PC7 I/O FT PC7 TIM3_CH2 - 39 PC8 I/O FT PC8 TIM3_CH3 - 40 PC9 I/O FT PC9 TIM3_CH4 29 41 PA8 I/O FT PA8 USART1_CK/MCO 30 42 PA9 I/O FT PA9 USART1_TX(8) 31 43 PA10 I/O FT PA10 USART1_RX(8) 32 44 PA11 I/O FT PA11 USART1_CTS/USB_DM 33 45 PA12 I/O FT PA12 USART1_RTS/USB_DP 34 46 PA13 I/O FT JTMS- SWDIO PA13 35 47 VSS_2 SVSS_2 36 48 VDD_2 SVDD_2 37 49 PA14 I/O FT JTCK/SWCL K PA14 Table 4. Medium-density STM32F102xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(3) (4) Default Remap |