| Moteur de recherche de fiches techniques de composants électroniques |
|
L7812AB Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7812AB Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 57 page ![]() DocID2143 Rev 31 35/57 L78xx, L78xxC, L78xxAB, L78xxAC Application information Note: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow rise time of the VO. Figure 26. Adjustable output voltage with temperature compensation VO = VXX (1+R2/R1) + VBE Figure 27. Light controllers (VO(min) = VXX + VBE) VO rises when the light goes up VO falls when the light goes up |