| Moteur de recherche de fiches techniques de composants électroniques |
|
L6385ED Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6385ED Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 16 page ![]() L6385E Electrical data 3/16 1 Electrical data 1.1 Absolute maximum ratings Note: ESD immunity for pins 6, 7 and 8 is guaranteed up to 900 V (Human Body Model) 1.2 Thermal data 1.3 Recommended operating conditions Table 1. Absolute maximum ratings Symbol Parameter Value Unit Vout Output voltage -3 to Vboot -18 V Vcc Supply voltage - 0.3 to +18 V Vboot Floating supply voltage -1 to 618 V Vhvg High sidegate output voltage -1 to Vboot V Vlvg Low side gate output voltage -0.3 to Vcc +0.3 V Vi Logic input voltage -0.3 to Vcc +0.3 V dVout/dt Allowed output slew rate 50 V/ns Ptot Total power dissipation (TJ = 85 °C) 750 mW Tj Junction temperature 150 °C Ts Storage temperature -50 to 150 °C Table 2. Thermal data Symbol Parameter SO-8 DIP-8 Unit Rth(JA) Thermal Resistance Junction to ambient 150 100 °C/W Table 3. Recommended operating conditions Symbol Pin Parameter Test condition Min Typ Max Unit Vout 6 Output voltage (1) 1. If the condition Vboot - Vout < 18V is guaranteed, Vout can range from -3 to 580V 580 V VBS (2) 2. VBS = Vboot - Vout 8 Floating supply voltage (1) 17 V fsw Switching frequency HVG,LVG load CL = 1nF 400 kHz Vcc 3 Supply voltage 17 V T J Junction temperature -45 125 °C |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |