Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP3338AKCZ-5-R7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADP3338AKCZ-5-R7
Description  High Accuracy, Ultralow I Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKCZ-5-R7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADP3338AKCZ-5-R7 Datasheet HTML 7Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 10Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 11Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 12Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 13Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 14Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP3338
Rev. B | Page 11 of 16
Use the following general guidelines when designing printed
circuit boards:
•
Keep the output capacitor as close as possible to the output
and ground pins.
•
Keep the input capacitor as close as possible to the input
and ground pins.
•
Specify thick copper and use wide traces for optimum heat
transfer. PC board traces with larger cross sectional areas
remove more heat from the ADP3338.
•
Decrease thermal resistance by adding a copper pad under
the ADP3338, as shown in Figure 22 (b).
•
Use the adjacent area to the ADP3338 to add more copper
around it. Connecting the copper area to the output of the
ADP3338, as shown in Figure 22 (c), is best, but thermal
performance will be improved even if it is connected to
other signals.
•
Use additional copper layers or planes to reduce the
thermal resistance. Again, connecting the other layers to
the output of the ADP3338 is best, but is not necessary.
When connecting the output pad to other layers, use
multiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16