Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6385ED Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce L6385ED
Description  High-voltage high and low side driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6385ED Fiches technique(HTML) 1 Page - STMicroelectronics

  L6385ED Datasheet HTML 1Page - STMicroelectronics L6385ED Datasheet HTML 2Page - STMicroelectronics L6385ED Datasheet HTML 3Page - STMicroelectronics L6385ED Datasheet HTML 4Page - STMicroelectronics L6385ED Datasheet HTML 5Page - STMicroelectronics L6385ED Datasheet HTML 6Page - STMicroelectronics L6385ED Datasheet HTML 7Page - STMicroelectronics L6385ED Datasheet HTML 8Page - STMicroelectronics L6385ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October 2007
Rev 1
1/16
16
L6385E
High-voltage high and low side driver
Features
■ High voltage rail up to 600V
■ dV/dt immunity ±50V/nsec in full temperature
range
■ Driver current capability:
– 400mA source,
– 650mA sink
■ Switching times 50/30 nsec rise/fall with 1nF
load
■ CMOS/TTL Schmitt trigger inputs with
hysteresis and pull down
■ Under voltage lock out on lower and upper
driving section
■ Internal bootstrap diode
■ Outputs in phase with inputs
Description
The L6385E is an high-voltage device,
manufactured with the BCD"OFF-LINE"
technology. It has an Half - Bridge Driver structure
that enables to drive independent referenced N
Channel Power MOS or IGBT. The High Side
(Floating) Section is enabled to work with voltage
Rail up to 600V. The Logic Inputs are CMOS/TTL
compatible for ease of interfacing with controlling
devices.
DIP-8
SO-8
www.st.com
Figure 1.
Block diagram
LOGIC
UV
DETECTION
LEVEL
SHIFTER
BOOTSTRAP DRIVER
R
R
S
VCC
LVG
DRIVER
VCC
8
7
6
5
4
HIN
LIN
HVG
DRIVER
HVG
H.V.
TO LOAD
OUT
LVG
GND
D97IN514B
Vboot
3
2
1
Cboot
UV
DETECTION


Numéro de pièce similaire - L6385ED

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED013TR STMICROELECTRONICS-L6385ED013TR Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
More results

Description similaire - L6385ED

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385 STMICROELECTRONICS-L6385 Datasheet
147Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Nov-2003
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com