Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9954/PCBZ Fiches technique(PDF) 24 Page - Analog Devices

No de pièce AD9954/PCBZ
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ Fiches technique(HTML) 24 Page - Analog Devices

Back Button AD9954/PCBZ Datasheet HTML 20Page - Analog Devices AD9954/PCBZ Datasheet HTML 21Page - Analog Devices AD9954/PCBZ Datasheet HTML 22Page - Analog Devices AD9954/PCBZ Datasheet HTML 23Page - Analog Devices AD9954/PCBZ Datasheet HTML 24Page - Analog Devices AD9954/PCBZ Datasheet HTML 25Page - Analog Devices AD9954/PCBZ Datasheet HTML 26Page - Analog Devices AD9954/PCBZ Datasheet HTML 27Page - Analog Devices AD9954/PCBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD9952
Rev. B | Page 24 of 28
Table 7. Power-Down Control Functions
Control
Mode Active
Description
PWRDWNCTL = 0 CFR1 [3] don’t care
Software control
Digital power-down = CFR1 [7]
Comparator power-down = CFR1 [6]
DAC power-down = CFR1 [5]
Input clock power-down = CFR1 [4]
PWRDWNCTL = 1 CFR1 [3] = 0
External control,
fast recovery power-down mode
Digital power-down = 1’b1
Comparator power-down = 1’b0 or CFR1 [6]
DAC power-down = 1’b0
Input clock power-down = 1’b0
PWRDWNCTL = 1 CFR1 [3] = 1
External control,
full power-down mode
Digital power-down = 1’b1
Comparator power-down = 1’b1
DAC power-down = 1’b1
Input clock power-down = 1’b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28