Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P1P3800AG12CRTWG Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce P1P3800AG12CRTWG
Description  Phase Synchronizing Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1P3800AG12CRTWG Fiches technique(HTML) 3 Page - ON Semiconductor

  P1P3800AG12CRTWG Datasheet HTML 1Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 2Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 3Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 4Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 5Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 6Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P1P3800A
http://onsemi.com
3
CLKOUT Diagram
LOW
CLK#
CLK
TIMING Diagram For Glitch Free Operation (For Reference)
(Transition of outputs from any state to any other state)
S4=1, S3=1, S2=1, S1=0
Change Area
S4=1, S3=1, S2=0, S1=1
Change Area
S4=0, S3=0, S2=1, S1=1
PD#
PD#=0
Latency
Latency
Input
Clock
CLKOUT1
CLKOUT2
CLKOUT3
CLKOUT4
Note: Transition to new state will happen after a latency of one output clock cycle after completing the present output clock cycle
Transition to new state will happen after a latency of up to 3 input clock cycles excluding the input cycle where the transition has
occured.
Power Up
VDD
CLKOUT
I/P CLK
S1~S4 in any stable
state
Valid Clock according to S1~S4
10mS(min)
Note: Transition to new state will happen after a latency of up to 2 input clock cycles excluding the input cycle where the transition has
occured.



Html Pages

1 2 3 4 5 6 7