Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM417 Fiches technique(PDF) 16 Page - Analog Devices

No de pièce AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AM417 Fiches technique(HTML) 16 Page - Analog Devices

Back Button AM417 Datasheet HTML 10Page - Analog Devices AM417 Datasheet HTML 11Page - Analog Devices AM417 Datasheet HTML 12Page - Analog Devices AM417 Datasheet HTML 13Page - Analog Devices AM417 Datasheet HTML 14Page - Analog Devices AM417 Datasheet HTML 15Page - Analog Devices AM417 Datasheet HTML 16Page - Analog Devices AM417 Datasheet HTML 17Page - Analog Devices AM417 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 16/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
BLOCK DIAGRAM AND PINOUT
PIN
NAME
FUNCTION
1
GND
IC Ground
2
IB
Current Source Output
3
RB
Current Source Set
4
IN+
Positive IA Input
5
IN–
Negative IA Input
6
VR
Gain Set
7
VOUT
Voltage Output
8
VCC
Supply Voltage
Table 3: Pin out
DELIVERY
AM417 is available as:
• An SOP08
• Dice on 5“ blue foil
1
7
AM417
8
Output-
stage
6
2
3
OP
IA
I
IB
4
5
IN+
IB
IN-
RB
VCC
VOUT
VR
R
9 R
V
CC
GND
Figure 5: Circuit diagram of AM417
1
8
2
7
36
4
5
GND
IB
RB
IN+
VCC
VOUT
VR
IN-
Figure 6: AM417 Pin out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18