Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ABC-2-R Fiches technique(PDF) 2 Page - Cooper Bussmann, Inc.

No de pièce ABC-2-R
Description  Fast-acting, ceramic tube Optional axial leads available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ABC-2-R Fiches technique(HTML) 2 Page - Cooper Bussmann, Inc.

  ABC-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. ABC-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time-CurrentCurves
0613
BU-SB13635
Page 2 of 2
Data Sheet 2000
©2013 Cooper Bussmann
www.cooperbussmann.com
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive.All other copies of
thisdocumentarebydefinitionuncontrolled.Thisbulletinisintendedtoclearlypresentcomprehensiveproductdataandprovidetechnicalinformation
that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any
technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Current in Amps
13
5 8
12
10
15
18
20
25
30
PACKAGINGCODE
PackagingCode Description
BK
100piecesoffusespackedintoacardboardcarton
BK1
1000piecesoffusespackedintoacardboardcarton
BK8
8000piecesoffusespackedintoacardboardcarton
OPTIONCODE
OptionCode
Description
V
Axialleads-coppertinnedwirewithnickelplatedbrassovercaps



Html Pages

1 2