| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP1754ACPZ-1.0-R7 Fiches technique(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1754ACPZ-1.0-R7 Fiches technique(HTML) 1 Page - Analog Devices |
|
1 / 20 page ![]() 1.2 A, Low VIN, Low Dropout Linear Regulator Data Sheet ADP1754/ADP1755 Rev. E Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2008–2013 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Maximum output current: 1.2 A Input voltage range: 1.6 V to 3.6 V Low shutdown current: <2 µA Very low dropout voltage: 105 mV @ 1.2 A load Initial accuracy: ±1% Accuracy over line, load, and temperature: ±2% 7 fixed output voltage options with soft start 0.75 V to 2.5 V (ADP1754) Adjustable output voltage option with soft start 0.75V to 3.3V (ADP1755) High PSRR 65 dB @ 1 kHz 65 dB @ 10 kHz 54 dB @ 100 kHz 23 μV rms at 0.75 V output Stable with small 4.7 µF ceramic output capacitor Excellent load and line transient response Current-limit and thermal overload protection Power-good indicator Logic-controlled enable Reverse current protection APPLICATIONS Server computers Memory components Telecommunications equipment Network equipment DSP/FPGA/microprocessor supplies Instrumentation equipment/data acquisition systems TYPICAL APPLICATION CIRCUITS TOP VIEW (Not to Scale) ADP1754 1 2 3 4 VIN VIN 100kΩ 4.7µF 4.7µF VIN = 1.8V VOUT = 1.5V VIN EN 12 11 10 9 VOUT VOUT VOUT SENSE 5 6 7 8 PG GND SS NC PG 16 15 14 13 VIN VIN VOUT VOUT 10nF Figure 1. ADP1754 with Fixed Output Voltage, 1.5 V TOP VIEW (Not to Scale) ADP1755 1 2 3 4 VIN VIN 100kΩ 4.7µF 4.7µF VIN = 1.8V VOUT = 0.5V(1 + R1/R2) VIN EN 12 11 10 9 VOUT VOUT VOUT ADJ 5 6 7 8 PG GND SS NC PG 16 15 14 13 VIN VIN VOUT VOUT 10nF R2 R1 Figure 2. ADP1755 with Adjustable Output Voltage, 0.75 V to 3.3 V GENERAL DESCRIPTION The ADP1754/ADP1755 are low dropout (LDO) CMOS linear regulators that operate from 1.6 V to 3.6 V and provide up to 1.2 A of output current. These low VIN/VOUT LDOs are ideal for regulation of nanometer FPGA geometries operating from 2.5 V down to 1.8 V I/O rails, and for powering core voltages down to 0.75 V. Using an advanced proprietary architecture, the ADP1754/ ADP1755 provide high power supply rejection ratio (PSRR) and low noise, and achieve excellent line and load transient response with only a small 4.7 µF ceramic output capacitor. The ADP1754 is available in seven fixed output voltage options. The ADP1755 is the adjustable version, which allows output voltages that range from 0.75 V to 3.3 V via an external divider. The ADP1754/ADP1755 allow an external soft start capacitor to be connected to program the startup. A digital power-good output allows power system monitors to check the health of the output voltage. The ADP1754/ADP1755 are available in a 16-lead, 4 mm × 4 mm LFCSP, making them not only very compact solutions, but also providing excellent thermal performance for applications that require up to 1.2 A of output current in a small, low profile footprint. |
Numéro de pièce similaire - ADP1754ACPZ-1.0-R7 |
|
Description similaire - ADP1754ACPZ-1.0-R7 |