| Moteur de recherche de fiches techniques de composants électroniques |
|
TC651 Fiches technique(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC651 Fiches technique(HTML) 36 Page - Microchip Technology |
|
36 / 44 page ![]() 36 Analog & Interface Product Selector Guide Tape and Reel: TR: Tape and Reel Blank: No Tape and Reel Package Type (see table below) Functional Option (refer to data sheet) Product Part Number arbitrary Product Part Number 3: Designates fan speed controller (except EMC2300) Product Part Number 2: Designates it is a fan controller Product Prefix for Fan Controllers Shared with Temperature Sensors Part Number Suffix Designations Ordering Information for all Microchip Analog Products beginning with “EMC” prefix Fan Controllers: EMC 2 a xx - y - pppp - tt Package Description # of Pins Tube Qty. Reel Qty. ACZT SOIC 8 N/A 4000 ACZL MSOP 8 N/A 4000 AP QFN (4 × 4) 16 N/A 4000 BP QFN (4 × 4) 20 N/A 4000 KP QFN 12 N/A 4000 AZC SSOP 16 97 2800 DZK QFN 28 N/A 4000 CZC SSOP 24 N/A 2500 Analog Product Part Numbers |