Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24HF Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce PIC24HF
Description  16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HF Fiches technique(HTML) 15 Page - Microchip Technology

Back Button PIC24HF Datasheet HTML 11Page - Microchip Technology PIC24HF Datasheet HTML 12Page - Microchip Technology PIC24HF Datasheet HTML 13Page - Microchip Technology PIC24HF Datasheet HTML 14Page - Microchip Technology PIC24HF Datasheet HTML 15Page - Microchip Technology PIC24HF Datasheet HTML 16Page - Microchip Technology PIC24HF Datasheet HTML 17Page - Microchip Technology PIC24HF Datasheet HTML 18Page - Microchip Technology PIC24HF Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
16-bit Embedded Control Solutions
General Purpose Development & Evaluation Tools
Explorer 16 Development Board
(DM240001/DM240002)
This development board offers an
economical way to evaluate Microchip’s
16-bit MCUs and dsPIC DSC families.
The combination of versatility and
expandability and supporting PICtail Plus
daughter cards allows designer’s to evaluate complex
software libraries and hardware with minimal time and
effort. Features include:
■ Processor PIMs (Plug-In Modules)
•    DM240001: two interchangeable 100-pin PIMs,
one each for the PIC24FJ128GA010 and the
dsPIC33FJ256GP710 DSC
•    DM240002: features a PIM for the 44-pin
PIC24FJ64GA004 and dsPIC33FJ32GP204 MCUs
•    Many other processor PIMs available for easy
device swapping
■ Alpha-numeric 16 × 2 LCD display
■ Interfaces to MPLAB ICD 3 In-Circuit Debugger,
REAL ICE In-Circuit Emulator and RS-232
■ Includes Microchip’s TC1047A high accuracy, analog
output temperature sensor
■ Expansion connector to access full devices pin-out
and bread board prototyping area
■ PICtail Plus connector for expansion boards
■ Full documentation includes user’s guide,
schematics and PCB layout at
www.microchip.com/explorer16.
PICtail Plus Daughter Boards
■ Allows for the easy addition of complex hardware
■ Allows for the easy evaluation of software libraries
■ Provides expansion for application specific hardware
Description
Part Number
Devices Supported
PIC24
dsPIC®DSC
Consumer-band BPSK 7.2 kbps PLM PICtail™ Plus Daughter Board
AC164142
–
ü
Utility-Band BPSK 6.0 kbps PLM PICtail Plus Daughter Board
AC164145
–
ü
CAN/LIN PICtail Plus Daughter Board
  • Two ECAN MCP2551 transceivers
  • Two LIN MCP2021-330 transceivers
AC163130
ü
ü
PICtail Plus Daughter Board for SD/MMC
  • SPI to SD/MMC interface
AC164122
ü
ü
IrDA®PICtail Plus Daughter Board
  • IrDA transceiver for IrDA enabled UART
AC164124
ü
ü
Speech Playback PICtail Plus Daughter Board
  • Adaptive Differential Pulse Code Modulation (ADPCM) speech playback and recording
AC164125
ü
ü
Prototype PICtail Plus Daughter Board
  • PICtail Plus Expansion Board
AC164126
ü
ü
Graphic PICtail Plus Daughter Board
  • Enables Graphics display via PMP
AC164127-3
ü
ü
Audio PICtail Plus Daughter Board
  • Full Duplex Speech and Audio applications
AC164129
ü
ü
USB PICtail Plus Daughter Board
  • USB Device, Host and OTG Expansion
AC164131
ü
ü
Fast 100 Mbps Ethernet PICtail Plus Daughter Board
  • Stand Alone ENC624J600 Ethernet Controller
AC164132
ü
ü
Buck/Boost Converter PICtail Plus Daughter Board
  • Two independent DC/DC synchronous buck converters
  • Independent DC/DC boost converter
AC164133
–
ü
Thermal/Linear Intelligent Sensor PICtail Plus Daughter Board
  • Signal input and conditioning for thermocouples and linear sensors
  • TC1047/1047A Temperature to Voltage Converter
AC164135
ü
ü
MCP2515 PICtail Plus Daughter Board
  • Stand Alone CAN Controller expansion board
MCP2515DM
ü
ü
MCP42XX PICtail Plus Daughter Board
  • MCP42XX Digital Potentiometer expansion board
MCP42XXDM
ü
ü
MCP4725 PICtail Plus Daughter Board
  • 12-bit DAC + non-volatile memory
MCP4725DM
ü
ü
Wireless MRF24J40MB 802.15.4 PICtail/PICtail Plus with PCB Antenna (2.4 GHz)
AC164134-2
ü
ü
Wireless MRF89XAM8A PICtail/PICtail Plus Daughter Board (868 MHz)
AC164138-1
ü
ü
Wireless MRF89XAM9A PICtail/PICtail Plus Daughter Board (915 MHz)
AC164138-2
ü
ü
Wireless MRF24J40MC 802.15.4 PICtail/PICtail Plus with U.FL Connector (2.4 GHz)
AC164143
ü
ü
Wireless RN-131 Wi-Fi®Long Range PICtail Development Board
RN-131-PICTAIL
ü
–
Wireless RN-171 Wi-Fi Low Range PICtail Development Board
RN-171-PICTAIL
ü
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com