| Moteur de recherche de fiches techniques de composants électroniques |
|
MSS6122 Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MSS6122 Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 34 page ![]() © 2011 Microchip Technology Inc. DS22285A-page 7 MCP16321/2 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, VIN = 12V, EN = Floating (Internally pulled up), CIN =20 µF, COUT =2x22 µF, L = 4.7 µH (XAL6060-472MEB), ILOAD =200 mA, TA =+25°C. MCP16321 maximum output current = 1A. FIGURE 2-1: 5V VOUT Efficiency vs. IOUT. FIGURE 2-2: 3.3V VOUT Efficiency vs. IOUT. FIGURE 2-3: 2.5V VOUT Efficiency vs. IOUT. FIGURE 2-4: 1.8V VOUT Efficiency vs. IOUT. FIGURE 2-5: 1.5V VOUT Efficiency vs. IOUT. FIGURE 2-6: 0.9V VOUT Efficiency vs. IOUT. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 50 55 60 65 70 75 80 85 90 95 100 0.0 0.4 0.8 1.2 1.6 2.0 I OUT (A) V IN = 6V V IN = 24V V IN = 18V V IN = 12V V OUT = 5V 50 55 60 65 70 75 80 85 90 95 0 0.4 0.8 1.2 1.6 2 I OUT (A) V IN = 24V V IN = 6V V IN = 18V V IN = 12V V OUT = 3.3V 40 50 60 70 80 90 100 0 0.4 0.8 1.2 1.6 2 I OUT (A) V IN = 24V V IN = 6V V IN = 18V V IN = 12V V OUT = 2.5V 40 50 60 70 80 90 100 0 0.4 0.8 1.2 1.6 2 I OUT (A) V IN = 6V V IN = 18V V IN = 12V V OUT = 1.8V 40 45 50 55 60 65 70 75 80 85 90 0 0.4 0.8 1.2 1.6 2 I OUT (A) V IN = 6V V IN = 18V V OUT = 1.5V V IN = 12V 40 50 60 70 80 90 100 0 0.4 0.8 1.2 1.6 2 I OUT (A) V IN = 10V V IN = 6V V IN = 8V V OUT = 0.9V |