Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ06GS202 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce DSPIC33FJ06GS202
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202 Fiches technique(HTML) 2 Page - Microchip Technology

  DSPIC33FJ06GS202 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS80439M-page 2
 2009-2013 Microchip Technology Inc.
TABLE 2:
SILICON ISSUE SUMMARY
Module
Feature
Item
Number
Issue Summary
Affected
Revisions(1)
A2 A3 A4
PWM
Leading-Edge
Blanking
1.
Reading LEBCONx registers, as well as writing individual
bits and bytes within these registers, does not work.
XX
X
PWM
Immediate
Updates
2.
PWM Immediate Update mode (IEU = 1) for the Master
Duty Cycle register (MDC) is not functional.
XX
X
PWM
Status Bits
3.
PWM Fault Status bits do not function if the associated
PWM Fault interrupts are disabled.
XX
X
PWM
Clock
4.
PWM output will exhibit jitter with some PWM clock divider
settings.
XX
X
PWM
Faults
5.
If the PWM is in Complementary, Redundant and Push-
Pull mode and the Independent Time Base bit (ITB) is set,
the Independent Fault mode may not work as expected for
the PWMxL pin.
XX
X
PWM
Independent
Time Base
6.
The Independent Time Base PWM outputs may not be
synchronized with the Master time base PWM outputs
when both modes are used simultaneously.
XX
X
PWM
Latched Faults
7.
In PWM Latched Fault mode, the PWM outputs may be
latched on both the rising as well as the falling edge of the
Fault signal regardless of the Fault input polarity selection
(set with the FCLCONx<FLTPOL> bit setting).
XX
X
PWM
Faults
8.
A bit write to the CLMOD bit (bit 8) in the FCLCONx
register, or consecutive writes to the lower byte and higher
byte of the FCLCONx register, causes all other bits of the
high byte to be loaded with zeros.
XX
X
PWM
Sleep Mode
9.
The PWM module fails to wake the CPU from Sleep mode
on a PWM Fault event.
XX
X
Comparator
—
10.
For slow input signals, the Comparator module may
generate erroneous triggers/interrupts.
XX
X
ADC
Clock
11.
Selecting the primary FRC (FVCO) as a clock source for
the ADC module by setting the SLOWCLK bit
(ADCON<12>) to the default setting of ‘0’, does not work.
XX
X
Auxiliary
Clock
Module Disable
12.
When the PWMMD bit in the PMD1 register is set, the
Auxiliary Clock to both the ADC and PWM modules is
disabled.
XX
X
Comparator
Interrupts
13.
Comparator interrupts are incorrectly generated when the
High-Speed Analog Comparator is configured for an
inverted polarity setting (CMPCONx<CMPPOL> = 1).
XX
X
UART
4x Mode
14.
When the UART is in 4x mode (BRGH = 1) and using two
Stop bits (STSEL = 1), it may sample the first Stop bit
instead of the second one.
XX
X
UART
IR Interface
Operations
15.
The 16x baud clock signal on the BCLK pin is present only
when the module is transmitting.
XX
X
I2C™
10-bit
Addressing
Mode
16.
When the I2C™ module is configured for 10-bit
addressing using the same address bits (A10 and A9) as
other I2C devices, the A10 and A9 bits may not work as
expected.
XX
X
PWM
ADC
Conversion
17.
The PWM module may fail to trigger a conversion on
certain ADC pairs when the primary or secondary PWMx
generator is selected as a trigger source.
X
Note 1:
Only those issues indicated in the last column apply to the current silicon revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20