Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24FC64F Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce 24FC64F
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64F Fiches technique(HTML) 23 Page - Microchip Technology

Back Button 24FC64F Datasheet HTML 19Page - Microchip Technology 24FC64F Datasheet HTML 20Page - Microchip Technology 24FC64F Datasheet HTML 21Page - Microchip Technology 24FC64F Datasheet HTML 22Page - Microchip Technology 24FC64F Datasheet HTML 23Page - Microchip Technology 24FC64F Datasheet HTML 24Page - Microchip Technology 24FC64F Datasheet HTML 25Page - Microchip Technology 24FC64F Datasheet HTML 26Page - Microchip Technology 24FC64F Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
 2009-2012 Microchip Technology Inc.
DS22154B-page 23
24AA64F/24LC64F/24FC64F
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36