| Moteur de recherche de fiches techniques de composants électroniques |
|
E39-R10 Fiches technique(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R10 Fiches technique(HTML) 10 Page - Omron Electronics LLC |
|
10 / 15 page ![]() E3Z E3Z 11 J MOUNTING BRACKETS With Mounting Bracket (E3Z-D62) E39-L43 With Mounting Bracket (E3Z-D62) Material: SUS304 stainless steel Material: SUS304 stainless steel E39-L104 Two, 3.2 dia. Two, M3 29 (1.14) 13.7 (0.54) 13.7 (0.54) 7 (0.28) 29 (1.14) 16 (0.63) 39 (1.54) 8.8 (0.35) 38.3 (1.51) 1.2 (0.05) 25.4 (1.00) Optical axis 37.8 Two, M3 Four, 3.2 dia. Optical axis 13 (0.51) 3.5 (0.14) 30 (1.18) 3.5 (0.14) 7.5 (0.3) 15 (0.59) 25.4 (1.00) 40 (1.57) 30 (1.18) 3.5 (0.14) 3.5 (0.14) 40 (1.57) 15 (0.59) 7.5 (0.3) 25.4 (1.00) 1.2 (0.05) Unit: mm (inch) 31 (1.22) 20 (0.79) 13 (0.51) E39-L44 Material: SUS304 stainless steel With Mounting Bracket (E3Z-D62) Optical axis Two, M3 3.2 dia. 16.2 (0.64) 8.7 (0.34) 1.2 (0.05) 9 (0.35) 18 (0.71) 23.2 (0.91) 31.2 (1.23) 36 (1.42) 36 (1.42) 31.2 (1.23) 23.2 (0.91) 25.4 (1.00) 8.7 (0.34) 16.2 (0.64) 18 (0.71) 9 (0.35) 20 (0.79) 35.3 (1.39) 31 (1.22) 14.1 (0.56) 10.8 (0.43) |