Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E5CN-R2ML-500 Fiches technique(PDF) 29 Page - Omron Electronics LLC

No de pièce E5CN-R2ML-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2ML-500 Fiches technique(HTML) 29 Page - Omron Electronics LLC

Back Button E5CN-R2ML-500 Datasheet HTML 25Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 26Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 27Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 28Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 29Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 30Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 31Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 32Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
E5AN/E5EN
29
Accessories (Order Separately)
Mounting Bracket
(Accessory)
Waterproof
Packing
(Accessory)
Terminal Cover
(E53-COV16)
(Accessory)
Crimp terminal size: M3.5
96
112
48
79.2
6
91
2
E5EN
92
+0.8
0
92
+0.8
0
45
+0.6
0
120 min.
(48
× number of units − 2.5)
+1.0
0
Group mounting does not
allow waterproofing.
Mounted Separately
Group Mounted
• Recommended panel thickness is 1 to 8 mm.
• Group mounting is not possible in the vertical direction.
(Maintain the specified mounting space between
Controllers.)
• To mount the Controller so that it is waterproof, insert the
waterproof packing onto the Controller.
• When two or more Controllers are mounted, make sure that
the surrounding temperature does not exceed the allowable
operating temperature specified in the specifications.
(2,100)
250
1,765
USB connector (type A plug)
Serial connector
LED (RD)
LED (SD)
USB-Serial Conversion Cable
E58-CIFQ1
Terminal Covers
E53-COV16 (Six Covers provided.)
10
1.2
3.2
44.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72