| Moteur de recherche de fiches techniques de composants électroniques |
|
TAP224035 Fiches technique(PDF) 2 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
TAP224035 Fiches technique(HTML) 2 Page - AVX Corporation |
|
2 / 3 page ![]() 118 I JUNE 2013 Technical Data: All technical data relate to an ambient temperature of +25°C Capacitance Range: 0.10 μF to 330 μF Capacitance Tolerance: ±20%; ±10% (±5% consult your AVX representative for details) Rated Voltage DC (V R) +85°C: 6.3 10 16 20 25 35 50 Category Voltage (V C) +125°C: 4 6.3 10 13 16 23 33 Surge Voltage (V S) +85°C: 8 13 20 26 33 46 65 Surge Voltage (V S) +125°C: 5 9 12 16 21 28 40 Temperature Range: -55°C to +125°C Environmental Classification: 55/125/56 (IEC 68-2) Dissipation Factor: 0.04 for C R 0.1-1.5μF 0.06 for C R 2.2-6.8μF 0.08 for C R 10-68μF 0.10 for C R 100-330μF Reliability: 1% per 1000 hrs. at 85°C with 0.1Ω/V series impedance, 60% confidence level. Qualification: CECC 30201 - 032 Capacitance Range (letter denotes case size) Capacitance Rated voltage DC (V R) μF Code 6.3V 10V 16V 20V 25V 35V 50V 0.10 104 AA 0.15 154 AA 0.22 224 AA 0.33 334 AA 0.47 474 AA 0.68 684 AB 1.0 105 A A A C 1.5 155 A A A A D 2.2 225 A A A A B E 3.3 335 A A A B B C F 4.7 475 A A B C C E G 6.8 685 A B C D D F H 10 106 B C D E E F J 15 156 C D E F F H K 22 226 D E F H H K L 33 336 E F F J J M 47 476 F G J K M N 68 686 G H L N N 100 107 H K N N 150 157 K N N 220 227 M P R 330 337 P R Values outside this standard range may be available on request. AVX reserves the right to supply capacitors to a higher voltage rating, in the same case size, than that ordered. MARKING Polarity, capacitance, rated DC voltage, and an "A" (AVX logo) are laser marked on the capacitor body which is made of flame retardant gold epoxy resin with a limiting oxygen index in excess of 30 (ASTM-D-2863). • Polarity • Capacitance • Voltage • AVX logo • Tolerance code: ±20% = Standard (no marking) ±10% = “K” on reverse side of unit ±5% = “J” on reverse side of unit 16 10 μ A + Dipped Radial Capacitors TAP Series TECHNICAL SPECIFICATIONS |