| Moteur de recherche de fiches techniques de composants électroniques |
|
H5TQ4G63MFR-RDC Fiches technique(PDF) 25 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TQ4G63MFR-RDC Fiches technique(HTML) 25 Page - Hynix Semiconductor |
|
25 / 34 page ![]() Rev. 1.0 / Nov. 2012 25 IDD Specifications IDD values are for full operating range of voltage and temperature unless otherwise noted. IDD Specification Notes: 1. Applicable for MR2 settings A6=0 and A7=0. Temperature range for IDD6 is 0 - 85oC. 2. Applicable for MR2 settings A6=0 and A7=1. Temperature range for IDD6ET is 0 - 95oC. Speed Grade Bin DDR3 - 1066 7-7-7 DDR3 - 1333 9-9-9 DDR3 - 1600 11-11-11 DDR3 - 1866 13-13-13 Unit Notes Symbol Max. Max. Max. Max. IDD0 45 50 50 mA x4/x8 55 60 60 mA x16 IDD01 55 60 60 mA x4/x8 70 75 75 mA x16 IDD2P0 20 20 20 mA X4/X8/X16 IDD2P1 22 22 22 mA X4/X8/X16 IDD2N 25 30 30 mA X4/X8/X16 IDD2NT 30 35 35 mA X4/X8/X16 IDD2Q 25 30 30 mA X4/X8/X16 IDD3P 25 25 25 mA X4/X8/X16 IDD3N 35 35 35 mA X4/X8/X16 IDD4R 85 100 115 mA x4 95 110 125 mA x8 130 150 175 mA x16 IDD4w 85 100 110 mA x4 100 115 130 mA x8 135 155 180 mA x16 IDD5B 140 145 145 mA x4/x8 140 145 145 mA x16 IDD6 20 20 20 mA X4/X8/X16,1 IDD6ET 22 22 22 mA X4/X8,2 25 25 25 mA X16,2 IDD7 150 165 170 mA x4 160 175 180 mA x8 210 235 225 mA x16 |