| Moteur de recherche de fiches techniques de composants électroniques |
|
H5TQ4G43AFR-RDC Fiches technique(PDF) 25 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TQ4G43AFR-RDC Fiches technique(HTML) 25 Page - Hynix Semiconductor |
|
25 / 35 page ![]() Rev. 1.0 / Apr. 2013 25 IDD Specifications IDD values are for full operating range of voltage and temperature unless otherwise noted. IDD Specification Notes: 1. Applicable for MR2 settings A6=0 and A7=0. Temperature range for IDD6 is 0 - 85oC. 2. Applicable for MR2 settings A6=0 and A7=1. Temperature range for IDD6ET is 0 - 95oC. Speed Grade Bin DDR3 - 1066 7-7-7 DDR3 - 1333 9-9-9 DDR3 - 1600 11-11-11 DDR3 - 1866 13-13-13 DDR3 - 2133 14-14-14 Unit Notes Symbol Max. Max. Max. Max. Max. IDD0 35 37 38 39 41 mA x4/x8 48 49 50 51 51 mA x16 IDD01 43 44 46 48 49 mA x4/x8 60 61 61 63 64 mA x16 IDD2P0 11 11 11 11 11 mA x4/x8 17 17 17 17 14 mA x16 IDD2P1 12 13 13 14 14 mA x4/x8 18 18 19 20 17 mA x16 IDD2N 20 20 21 22 23 mA x4/x8 26 27 29 29 26 mA x16 IDD2NT 22 24 26 27 29 mA x4/x8 30 31 34 36 34 mA x16 IDD2Q 20 21 22 21 22 mA x4/x8 27 27 29 30 28 mA x16 IDD3P 20 20 21 21 21 mA x4/x8 23 23 24 25 22 mA x16 IDD3N 28 29 31 32 33 mA x4/x8 32 33 35 37 34 mA x16 IDD4R 70 85 95 110 125 mA x4/x8 105 125 145 165 185 mA x16 IDD4w 75 90 100 115 125 mA x4/x8 115 135 155 175 200 mA x16 IDD5B 200 200 200 200 200 mA x4/x8/x16 IDD6 15 15 15 15 15 mA x4/x8, 1 19 19 19 19 19 mA x16 IDD6ET 19 19 19 19 19 mA x4/x8, 2 23 23 23 23 23 mA x16 IDD7 120 145 150 160 175 mA x4/x8 185 215 220 225 250 mA x16 |