Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5TQ2G43CFR-RDC Fiches technique(PDF) 24 Page - Hynix Semiconductor

No de pièce H5TQ2G43CFR-RDC
Description  2Gb DDR3 SDRAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ2G43CFR-RDC Fiches technique(HTML) 24 Page - Hynix Semiconductor

Back Button H5TQ2G43CFR-RDC Datasheet HTML 20Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 21Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 22Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 23Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 24Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 25Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 26Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 27Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Rev. 1.0 / Apr. 2013
24
IDD Specifications
IDD values are for full operating range of voltage and temperature unless otherwise noted.
IDD Specification
Notes:
1. Applicable for MR2 settings A6=0 and A7=0. Temperature range for IDD6 is 0 - 85oC.
2. Applicable for MR2 settings A6=0 and A7=1. Temperature range for IDD6ET is 0 - 95oC.
Speed Grade
Bin
DDR3 - 1066
7-7-7
DDR3 - 1333
9-9-9
DDR3 - 1600
11-11-11
DDR3 - 1866
13-13-13
DDR3 - 2133
14-14-14
Unit
Notes
Symbol
Max.
Max.
Max.
Max.
Max.
IDD0
40
40
45
45
TBD
mA
IDD01
50
50
55
60
TBD
mA
IDD2P0
12
12
12
12
TBD
mA
IDD2P1
15
15
15
17
TBD
mA
IDD2N
20
20
25
25
TBD
mA
IDD2NT
25
25
30
30
TBD
mA
IDD2Q
20
23
23
25
TBD
mA
IDD3P
15
15
17
18
TBD
mA
IDD3N
25
27
30
30
TBD
mA
IDD4R
75
90
105
125
TBD
mA
IDD4w
75
85
95
120
TBD
mA
IDD5B
110
115
120
120
TBD
mA
IDD6
12
12
12
12
TBD
mA
1
IDD6ET
14
14
14
14
TBD
mA
2
IDD7
145
180
185
200
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33