| Moteur de recherche de fiches techniques de composants électroniques |
|
CKR04BX331M Fiches technique(PDF) 4 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
CKR04BX331M Fiches technique(HTML) 4 Page - AVX Corporation |
|
4 / 14 page ![]() 53 MIL-PRF-39014/Radial Leads Military Failure Rate Level (%/1,000 Hours) Capacitance Type Capacitance Tolerance Designation 1.0 (M) 0.1 (P) 0.01 (R) 0.001 (S) (pF) ±Percent WVDC CKR06 (BX) CKR06BX122K_ 1201 1241 1281 1321 1200 10 200 CKR06BX152K_ 1202 1242 1282 1322 1500 10 200 CKR06BX152M_ 1203 1243 1283 1323 1500 20 200 CKR06BX182K_ 1204 1244 1284 1324 1800 10 200 CKR06BX222K_ 1206 1246 1286 1326 2200 10 200 CKR06BX222M_ 1207 1247 1287 1327 2200 20 200 CKR06BX272K_ 1208 1248 1288 1328 2700 10 200 CKR06BX332K_ 1209 1249 1289 1329 3300 10 200 CKR06BX332M_ 1210 1250 1290 1330 3300 20 200 CKR06BX392K_ 1211 1251 1291 1331 3900 10 200 CKR06BX472K_ 1212 1252 1292 1332 4700 10 200 CKR06BX472M_ 1213 1253 1293 1333 4700 20 200 CKR06BX562K_ 1214 1254 1294 1334 5600 10 200 CKR06BX682K_ 1215 1255 1295 1335 6800 10 200 CKR06BX682M_ 1216 1256 1296 1336 6800 20 200 CKR06BX822K_ 1217 1257 1297 1337 8200 10 200 CKR06BX103K_ 1218 1258 1298 1338 10,000 10 200 CKR06BX103M_ 1219 1259 1299 1339 10,000 20 200 CKR06BX123K_ 1231 1271 1311 1351 12,000 10 100 CKR06BX153K_ 1220 1260 1300 1340 15,000 10 100 CKR06BX183K_ 1221 1261 1301 1341 18,000 10 100 CKR06BX223K_ 1222 1262 1302 1342 22,000 10 100 CKR06BX273K_ 1232 1272 1312 1352 27,000 10 100 CKR06BX333K_ 1223 1263 1303 1343 33,000 10 100 CKR06BX393K_ 1224 1264 1304 1344 39,000 10 100 CKR06BX473K_ 1225 1265 1305 1345 47,000 10 100 CKR06BX563K_ 1226 1266 1306 1346 56,000 10 100 CKR06BX683K_ 1227 1267 1307 1347 68,000 10 100 CKR06BX823K_ 1229 1269 1309 1349 82,000 10 100 CKR06BX104K_ 1230 1270 1310 1350 100,000 10 100 CKR06BX124K_ 1233 1273 1313 1353 120,000 10 50 CKR06BX154K_ 1234 1274 1314 1354 150,000 10 50 CKR06BX184K_ 1235 1275 1315 1355 180,000 10 50 CKR06BX224K_ 1236 1276 1316 1356 220,000 10 50 CKR06BX274K_ 1237 1277 1317 1357 270,000 10 50 CKR06BX334K_ 1238 1278 1318 1358 330,000 10 50 CKR06BX394K_ 1239 1279 1319 1359 390,000 10 50 CKR06BX474K_ 1240 1280 1320 1360 470,000 10 50 CKR06BX564K_ 1404 1408 1412 1416 560,000 10 50 CKR06BX684K_ 1405 1409 1413 1417 680,000 10 50 CKR06BX824K_ 1406 1410 1414 1418 820,000 10 50 CKR06BX105K_ 1407 1411 1415 1419 1,000,000 10 50 Military Failure Rate Level (%/1,000 Hours) Capacitance Type Capacitance Tolerance Designation 1.0 (M) (pF) ±Percent WVDC CKR08 (BX) CKR08BX125K_ 0104 1,200,000 10 50 CKR08BX155K_ 0105 1,500,000 10 50 CKR08BX205K_ 0106 2,000,000 10 50 Add appropriate failure rate level letter (M, P, R or S) Add appropriate failure rate level letter (M) CKR08 to MIL-PRF-39014/20 (Dash Number From Table) CROSS REFERENCE CHART - AVX MILITARY FOR MOLDED RADIAL LEAD Per Mil-Spec Case Size AVX Lead Lead Figure Style MIL-C-11015 MIL-PRF-39014 MIL-PRF-20 Length(L) Width (W) Thickness (T) Spacing (LS) Diameter (LD) 1 MR05 CK05 CKR05 CCR05/CC05 4.83±.25 (.190±.010) 4.83±.25 (.190±.010) 2.29±.25 (.090±.010) 5.08±.38 (.200±.015) .64±.05 (.025±.002) 2 MR04 — CKR04 CCR09/CC09 4.83±.25 (.190±.010) 4.83±.25 (.190±.010) 2.29±.25 (.090±.010) 2.54±.38 (.100±.015) .64±.05 (.025±.002) 2 MR06 CK06 CKR06 CCR06/CC06 7.37±.25 (.290±.010) 7.37±.25 (.290±.010) 2.29±.25 (.090±.010) 5.08±.38 (.200±.015) .64±.05 (.025±.002) 2 MR68 — CKR08 — 7.37±.25 (.290±.010) 7.37±.25 (.290±.010) 3.68±.38 (.145±.015) 5.08±.38 (.200±.015) .64±.05 (.025±.002) 2 MR07 — — CCR07/CC07 12.19±.51 (.480±.020) 12.19±.51 (.480±.020) 3.56±.25 (.140±.010) 10.16±.51 (.400±.020) .64±.05 (.025±.002) 2 MR08 — — CCR08/CC08 12.19±.51 (.480±.020) 12.19±.51 (.480±.020) 6.1±.25 (.240±.010) 10.16±.51 (.400±.020) .64±.05 (.025±.002) Dimensions: Millimeters (Inches) MILITARY DASH NUMBER IDENTIFICATION CKR06 TO MIL-PRF-39014/02 (Dash Number From Table) |