| Moteur de recherche de fiches techniques de composants électroniques |
|
WLSD2 Fiches technique(PDF) 24 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLSD2 Fiches technique(HTML) 24 Page - Omron Electronics LLC |
|
24 / 42 page ![]() WL WL 24 WL-1A106 WL-1A110 WL-4A100 WL-4A201 WL-3A100 WL-3A106 Double Nut 50 dia. × 6 Nylon roller M5 Allen-head bolt 7.3-dia. mounting holes 35 dia. × 6 Nylon roller M5 Allen-head bolt 7.3-dia. mounting holes 3-dia. stainless steel rod 7.3-dia. mounting holes M5 Allen-head bolt Adjust- able up to 141 2-dia. stainless steel panel Adjustable to a maximum of 290 7.3-dia. mounting holes M5 Allen-head bolt 3.2-dia. stainless steel rod Adjust- able from 350 to 380 Actuator’s center of rotation 3.2-dia. stainless steel rod Adjust- able from 350 to 380 Two, M5 Allen- head nut and arm set screw 13 dia. 7.3-dia. mounting holes M5 Allen- head bolt 7.3-dia. mounting holes 25.5 max. 25.5 max. WL-3A108 WL-3A200 WL-3A203 WL-4A112 3.2-dia. stainless steel rod Adjust- able from 630 to 660 2.3-dia. operation rod Cap 2.3-dia. operation rod 4-dia. stainless steel rod Adjust- able up to 141 7.3-dia. mounting holes M5 Allen-head bolt 12.5 dia. max. M5 Allen-head bolt 7.3-dia. mounting holes Adhesive 12.5 dia. max. M5 Allen-head bolt 7.3-dia. mounting holes 24.6 max. 25.5 max. 24.6 max. M5 Allen-head bolt 7.3-dia. mounting holes WL-2A129 8dia. Three, 5.3 dia. holes +0.2 0 7.3 dia. mounting holes +0.1 0 Marking Two, M5 × 16 Allen-head bolts Note: When using the adjustable roller (rod) lever, make sure that the lever is facing downwards. Use caution, as telegraphing (the Switch turns ON and OFF repeatedly due to inertia) may occur. |