Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WLD Fiches technique(PDF) 29 Page - Omron Electronics LLC

No de pièce WLD
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLD Fiches technique(HTML) 29 Page - Omron Electronics LLC

Back Button WLD Datasheet HTML 25Page - Omron Electronics LLC WLD Datasheet HTML 26Page - Omron Electronics LLC WLD Datasheet HTML 27Page - Omron Electronics LLC WLD Datasheet HTML 28Page - Omron Electronics LLC WLD Datasheet HTML 29Page - Omron Electronics LLC WLD Datasheet HTML 30Page - Omron Electronics LLC WLD Datasheet HTML 31Page - Omron Electronics LLC WLD Datasheet HTML 32Page - Omron Electronics LLC WLD Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
WL
WL
29
Spatter-prevention Parts
All parts of the Switch have spatter-prevention properties, so be sure to use the following products for maintenance of Spatter-prevention Limit
Switches.
Levers/Lamp-equipped Covers
Type
Without lever
Complete Head
(lever with Head)
Double nut lever
Allen-head lever
Lamp-equipped
cover
Model
Addan“R” to theprod-
uct number to order.
E.g.: WLjCA2-LES
WL-1H1100S
(incaseof WLCA2-j,
WLGCA2-j)
WL-1A105S
(forward and backward
lever)
WL-1A103S
(forward and backward
lever)
WL-LES
(Neon Lamp)
g
WL-2H1100S
(in case of WLH2-j,
WLG2-j)
)
)
WL-LDS
(LED)
Switches Without Lever
WLRCA2-LES, WLRCA2-LDS
WLRH2-LES, WLRH2-LDS, WLRG2-LES
WLRG2-LDS
WLRGCA2-LES, WLRGCA2-LDS
Airtight, Hermetic Seal, Low-temperature, Heat-resistive, Corro-
sion-proof, and Weather-resistant Models
Using the general-purpose model, six types of environment-resistant models can be created to meet a variety of difficult operating conditions.
Select the model most appropriate to your operating environment.
Nomenclature Example
Airtight Built-in Switch
Sealed by the rubber boot
of the plunger
Sealed by the resin molded
into the case cover
Four, M4 ±terminal screws
The lead wires are sealed to the Limit Switch with
resin, providing a hermetically sealed construction.
Hermetic Seal Model
Exclusive connector
Leads for molding
Filled with epoxy resin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42