| Moteur de recherche de fiches techniques de composants électroniques |
|
PTF08 Fiches technique(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PTF08 Fiches technique(HTML) 13 Page - Omron Electronics LLC |
|
13 / 13 page ![]() 454 General Purpose Relay – LY ALL DIMENSIONS SHOWN ARE IN MILLIMETRES. To convert millimetres into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527. ■ Hold-down Clips Hold-down clips are used to hold Relays to Sockets and prevent them from coming loose due to vibration or shock. Used with Socket Used with Socket For CR circuit built-in Relay mounting plate PYC-A1 PYC-P PYC-S Y92H-3 PYC-1 Precautions ■ Connections Do not reverse polarity when connecting DC-operated Relays with built-in diodes or indicators. CAT. No. J002-E2-10 Omron A5 Catalogue 2007 419-518 11/9/06 11:03 am Page 454 |