Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PBK-3-15 Fiches technique(PDF) 2 Page - CUI INC

No de pièce PBK-3-15
Description  AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

PBK-3-15 Fiches technique(HTML) 2 Page - CUI INC

  PBK-3-15 Datasheet HTML 1Page - CUI INC PBK-3-15 Datasheet HTML 2Page - CUI INC PBK-3-15 Datasheet HTML 3Page - CUI INC PBK-3-15 Datasheet HTML 4Page - CUI INC PBK-3-15 Datasheet HTML 5Page - CUI INC PBK-3-15 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date
08/09/2013 │ page 2 of 6
CUI Inc
│ SERIES: PBK-3 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
100
264
400
Vac
Vdc
current
at 115 Vac
at 230 Vac
120
60
mA
mA
inrush current
at 115 Vac
at 230 Vac
20
40
A
A
no load power consumption
0.5
W
input fuse
1 A/250 V, slow-blow type (external, recommended)
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
at full load
±1.5
%
load regulation
at 10%~100% load
±2.5
%
voltage set accuracy
PBK-3-5
PBK-3-15
PBK-3-24
±5
%
PBK-3-9
PBK-3-12
±8
%
switching frequency
50
kHz
temperature coefficient
±0.15
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, auto restart
over current protection
auto restart
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 1 minute
3,000
Vac
isolation resistance
100
safety approvals
UL60950-1, EN60950, CE
conducted emissions
CISPR22/EN55022 external circuit required, Class A (see figure 2); Class B (see figure 3)
radiated emissions
CISPR22/EN55022 external circuit required, Class A (see figure 2); Class B (see figure 3)
ESD
IEC/EN61000-4-2 Class B, contact ±4 kV
radiated immunity
IEC/EN61000-4-3 Class A, 10V/m (external circuit required, see figure 3)
EFT/burst
IEC/EN61000-4-4 Class B, ±2 kV (external circuit required, see figure 2)
IEC/EN61000-4-4 Class B, ±4 kV (external circuit required, see figure 3)
surge
IEC/EN61000-4-5 Class B, ±2 kV/±4 kV (external circuit required, see figure 3)
conducted immunity
IEC/EN61000-4-6 Class A, 3 Vr.m.s (external circuit required, see figure 3)
PFM
IEC/EN61000-4-8 Class A, 10 A/m
voltage dips & interruptions
IEC/EN61000-4-11 Class B, 0%-70%
MTBF
at 25°C
300,000
hours
RoHS compliant
yes



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com