Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STRVS182X02F Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STRVS182X02F
Description  ST repetitive voltage suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS182X02F Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STRVS182X02F Datasheet HTML 5Page - STMicroelectronics STRVS182X02F Datasheet HTML 6Page - STMicroelectronics STRVS182X02F Datasheet HTML 7Page - STMicroelectronics STRVS182X02F Datasheet HTML 8Page - STMicroelectronics STRVS182X02F Datasheet HTML 9Page - STMicroelectronics STRVS182X02F Datasheet HTML 10Page - STMicroelectronics STRVS182X02F Datasheet HTML 11Page - STMicroelectronics STRVS182X02F Datasheet HTML 12Page - STMicroelectronics STRVS182X02F Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
STRVSX
10/13
DocID023950 Rev 2
Figure 27. DO-201 dimension definitions
Table 8. DO-201 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
8.5
9.5
0.335
0.374
B25.4
1
Ø C
4.8
5.3
0.189
0.209
Ø D
0.96
1.06
0.038
0.042
ØC
ØD
A
BB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13