| Moteur de recherche de fiches techniques de composants électroniques |
|
BCX52 Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BCX52 Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 22 page ![]() 1. Product profile 1.1 General description PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages. [1] Valid for all available selection groups. 1.2 Features and benefits High current Three current gain selections High power dissipation capability Exposed heatsink for excellent thermal and electrical conductivity (SOT89, SOT1061) Leadless very small SMD plastic package with medium power capability (SOT1061) AEC-Q101 qualified 1.3 Applications Linear voltage regulators High-side switches Battery-driven devices Power management MOSFET drivers Amplifiers 1.4 Quick reference data BCP52; BCX52; BC52PA 60 V, 1 A PNP medium power transistors Rev. 9 — 18 October 2011 Product data sheet Table 1. Product overview Type number[1] Package NPN complement NXP JEITA JEDEC BCP52 SOT223 SC-73 - BCP55 BCX52 SOT89 SC-62 TO-243 BCX55 BC52PA SOT1061 - - BC55PA Table 2. Quick reference data Symbol Parameter Conditions Min Typ Max Unit VCEO collector-emitter voltage open base - - 60 V IC collector current - - 1A ICM peak collector current single pulse; tp 1ms - - 2A |
Numéro de pièce similaire - BCX52 |
|
Description similaire - BCX52 |