Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40 Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce BAS40
Description  General-purpose Schottky diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS40 Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button BAS40_13 Datasheet HTML 9Page - NXP Semiconductors BAS40_13 Datasheet HTML 10Page - NXP Semiconductors BAS40_13 Datasheet HTML 11Page - NXP Semiconductors BAS40_13 Datasheet HTML 12Page - NXP Semiconductors BAS40_13 Datasheet HTML 13Page - NXP Semiconductors BAS40_13 Datasheet HTML 14Page - NXP Semiconductors BAS40_13 Datasheet HTML 15Page - NXP Semiconductors BAS40_13 Datasheet HTML 16Page - NXP Semiconductors BAS40_13 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
BAS40_1PSXXSB4X_SER_8
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 13 January 2010
13 of 21
NXP Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
Dimensions in mm
Fig 18. Reflow soldering footprint SOT23 (TO-236AB)
Dimensions in mm
Fig 19. Wave soldering footprint SOT23 (TO-236AB)
MSA439
1.00
0.60
(3x)
1.30
1
2
3
2.50
3.00
0.85
2.70
2.90
0.50 (3x)
0.60 (3x)
3.30
0.85
solder lands
solder resist
occupied area
solder paste
MSA427
4.00
4.60
2.80
4.50
1.20
3.40
3
21
1.20 (2x)
preferred transport direction during soldering
solder lands
solder resist
occupied area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21