| Moteur de recherche de fiches techniques de composants électroniques |
|
AD6645 Fiches technique(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6645 Fiches technique(HTML) 2 Page - Analog Devices |
|
2 / 3 page ![]() CN-0109 Circuit Note Rev. 0 | Page 2 of 3 slew rate. Note that rms jitter values consistently less than 1 ps can be achieved using the AD9858 circuit. These circuits must be constructed on multilayer PC boards with large area ground planes using proper grounding, layout, and decoupling techniques (see MT-031 Tutorial, Grounding Data Converters and Solving the Mystery of AGND and DGND and MT-101 Tutorial, Decoupling Techniques) in order to achieve these performance levels. Consult the evaluation board documentation for the AD9958, AD9858, AD9515, and AD6645 for more guidance. Table 1. Jitter Response of AD9958 and AD9515 vs. fOUT, Power, Frequency, and Filter BW Table 2. Jitter Response of AD9858 and AD9515 vs. fOUT, Power, Frequency, and Filter BW Product DDS Sample Rate (MHz) DDS Output Frequency (MHz) DDS Output Power (dBm) DDS Reconstruction Filter (MHz) AD9515 Divider Output Setting AD9515 Output Frequency (MHz) Jitter (rms) (ps) AD9958/AD9515 500 38.88 −3.6 200 LPF 1 38.88 4.1 AD9958/AD9515 500 38.88 −3.6 200 LPF 2 19.44 4.1 AD9958/AD9515 500 38.88 −4.7 47 LPF 1 38.88 2.4 AD9958/AD9515 500 38.88 −4.7 47 LPF 2 19.44 2.4 AD9958/AD9515 500 38.88 −3.3 5% BPF 1 38.88 1.5 AD9958/AD9515 500 38.88 −3.3 5% BPF 2 19.44 1.5 AD9958/AD9515 500 77.76 −3.8 200 LPF 1 77.76 2.5 AD9958/AD9515 500 77.76 −3.8 200 LPF 2, 4 38.88, 19.44 2.5 AD9958/AD9515 500 77.76 −4.9 85 LPF 1 77.76 1.5 AD9958/AD9515 500 77.76 −4.9 85 LPF 2, 4 38.88, 19.44 1.5 AD9958/AD9515 500 77.76 −3.8 5% BPF 1 77.76 1.1 AD9958/AD9515 500 77.76 −3.8 5% BPF 2, 4 38.88, 19.44 1.1 AD9958/AD9515 500 155.52 −5.5 200 LPF 2 77.76 1.5 AD9958/AD9515 500 155.52 −5.5 200 LPF 4, 8 38.88, 19.44 1.5 AD9958/AD9515 500 155.52 −5.6 5% BPF 2 77.76 0.68 AD9958/AD9515 500 155.52 −5.6 5% BPF 4, 8 38.88, 19.44 0.68 Product DDS Sample Rate (MHz) DDS Output Frequency (MHz) DDS Output Power (dBm) DDS Reconstruction Filter (MHz) AD9515 Divider Output Setting AD9515 Output Frequency (MHz) Jitter (rms) (ps) AD9858/AD9515 1000 155.52 +7.7 225 LPF 2 77.76 0.56 AD9858/AD9515 1000 155.52 +7.7 225 LPF 4,8 38.88, 19.44 0.56 AD9858/AD9515 1000 155.52 +7.7 5% BPF 2 77.76 0.33 AD9858/AD9515 1000 155.52 +7.7 5% BPF 4, 8 38.88, 19.44 0.33 AD9858/AD9515 1000 155.52 +2.6 225 LPF 2 77.76 0.63 AD9858/AD9515 1000 155.52 +2.6 225 LPF 4, 8 38.88, 19.44 0.63 AD9858/AD9515 1000 155.52 +1.1 5% BPF 2 77.76 0.42 AD9858/AD9515 1000 155.52 +1.1 5% BPF 4, 8 38.88, 19.44 0.42 AD9858/AD9515 1000 155.52 −3.2 225 LPF 2 77.76 0.73 AD9858/AD9515 1000 155.52 −3.2 225 LPF 4, 8 38.88, 19.44 0.73 AD9858/AD9515 1000 155.52 −4.6 5% BPF 2 77.76 0.64 AD9858/AD9515 1000 155.52 −4.6 5% BPF 4, 8 38.88, 19.44 0.64 |