Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADIS16003/PCBZ Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADIS16003/PCBZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADIS16003/PCBZ Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADIS16003/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16003/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16003/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16003/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16003/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16003/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16003/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16003/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16003/PCBZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Evaluation Board User Guide
UG-287
Rev. B | Page 11 of 12
USB Tools
Clicking USB Tools in the menu bar of the main window
provides a diagnostic tool for managing the USB connection
to the EVAL-ADIS. Click this option to request a connection
attempt. This window also provides several revision numbers.
These numbers represent internal source control codes and are
for Analog Devices, Inc., internal use only (see Figure 15 and
Figure 16).
Figure 15. USB Tools, Connected
Figure 16. USB Tools, Not Connected
About
Click About in the menu bar of the main window to review the
software revision information.
Figure 17. About Window
Wiki User Guides
For additional software instructions and product-specific
functions, see the appropriate Wiki User Guide, under
Documentation at www.analog.com/EVAL-ADIS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12