Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RXB0CTRL Fiches technique(PDF) 68 Page - Microchip Technology

No de pièce RXB0CTRL
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RXB0CTRL Fiches technique(HTML) 68 Page - Microchip Technology

Back Button RXB0CTRL Datasheet HTML 64Page - Microchip Technology RXB0CTRL Datasheet HTML 65Page - Microchip Technology RXB0CTRL Datasheet HTML 66Page - Microchip Technology RXB0CTRL Datasheet HTML 67Page - Microchip Technology RXB0CTRL Datasheet HTML 68Page - Microchip Technology RXB0CTRL Datasheet HTML 69Page - Microchip Technology RXB0CTRL Datasheet HTML 70Page - Microchip Technology RXB0CTRL Datasheet HTML 71Page - Microchip Technology RXB0CTRL Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
MCP2515
DS21801G-page 68
 2003-2012 Microchip Technology Inc.
FIGURE 12-5:
LOAD TX BUFFER
FIGURE 12-6:
REQUEST-TO-SEND (RTS) INSTRUCTION
FIGURE 12-7:
BIT MODIFY INSTRUCTION
SO
SI
SCK
CS
0
2345
6789
10 11 12 13 14 15
1
ac
0
0
0
1
0
b
76543210
Instruction
Data In
High-Impedance
a b c
Address Points to
Addr
00
0
TX buffer 0, Start at
TXB0SIDH
0x31
00
1
TX buffer 0, Start at
TXB0D0
0x36
01
0
TX buffer 1, Start at
TXB1SIDH
0x41
01
1
TX buffer 1, Start at
TXB1D0
0x46
10
0
TX buffer 2, Start at
TXB2SIDH
0x51
10
1
TX buffer 2, Start at
TXB2D0
0x56
SO
SI
SCK
CS
0
2
3
456
7
1
T2
T0
0
0
0
0
1
Instruction
High-Impedance
T1
SO
SI
SCK
CS
0
2 3 4 5 6 7 8 9 1011 12 1314 15 1617 181920 21 22
1
11
0
0
0
0
0
A7 6 5 4
1 A0 7 654 32 10
Instruction
High-Impedance
32
0
Address Byte
Mask Byte
7 654 32 10
23 24 25 26 27 28 29 30 31
Data Byte
Note:
Not all registers can be accessed with
this command. See the register map for a
list of the registers that apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92