Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RXF2EID8 Fiches technique(PDF) 67 Page - Microchip Technology

No de pièce RXF2EID8
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RXF2EID8 Fiches technique(HTML) 67 Page - Microchip Technology

Back Button RXF2EID8 Datasheet HTML 63Page - Microchip Technology RXF2EID8 Datasheet HTML 64Page - Microchip Technology RXF2EID8 Datasheet HTML 65Page - Microchip Technology RXF2EID8 Datasheet HTML 66Page - Microchip Technology RXF2EID8 Datasheet HTML 67Page - Microchip Technology RXF2EID8 Datasheet HTML 68Page - Microchip Technology RXF2EID8 Datasheet HTML 69Page - Microchip Technology RXF2EID8 Datasheet HTML 70Page - Microchip Technology RXF2EID8 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 67
MCP2515
FIGURE 12-2:
READ INSTRUCTION
FIGURE 12-3:
READ RX BUFFER INSTRUCTION
FIGURE 12-4:
BYTE WRITE INSTRUCTION
SO
SI
SCK
CS
0
23456789
10 11
12 13 14 15 16 17 18 19
20 21 22
1
01
0
0
0
0
01
A7
6
5
4
1A0
76543210
Instruction
Address Byte
Data Out
High-Impedance
23
32
Don’t Care
SO
SI
SCK
CS
0
23456789
10
11 12 13 14 15
1
m
n
76543210
Instruction
Data Out
High-Impedance
Don’t Care
n m
Address Points to
Address
00
Receive Buffer 0,
Start at RXB0SIDH
0x61
01
Receive Buffer 0,
Start at RXB0D0
0x66
10
Receive Buffer 1,
Start at RXB1SIDH
0x71
11
Receive Buffer 1,
Start at RXB1D0
0x76
0
0
1
0
0
1
SO
SI
SCK
CS
0
23456789
10 11
12 13 14 15 16 17 18 19 20 21 22
1
00
0
0
0
0
0
A7
6
5
4
1A0
76543210
Instruction
High-Impedance
23
32
1
Address Byte
Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92