| Moteur de recherche de fiches techniques de composants électroniques |
|
KA393D Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
|
|||||||||||||||||||||||||||||
KA393D Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
|
2 / 10 page ![]() KA293/KA293A, KA393/KA393A, KA2903 2 Schematic Diagram Absolute Maximum Ratings Thermal Data Parameter Symbol Value Unit Power Supply Voltage VCC ±18 or 36 V Differential Input Voltage VI(DIFF) 36 V Input Voltage VI - 0.3 to +36 V Output Short Circuit to GND - Continuous - Power Dissipation, Ta = 25 °C 8-DIP 8-SOP PD 1040 480 mW Operating Temperature KA393/KA393A KA293/KA293A KA2903 TOPR 0 ~ + 70 - 25 ~ + 85 - 40 ~ + 85 °C Storage Temperature TSTG - 65 ~ + 150 °C Parameter Symbol Value Unit Thermal Resistance Junction-Ambient Max. 8-DIP 8-SOP R θja 120 260 °C/W |