| Moteur de recherche de fiches techniques de composants électroniques |
|
EEEFC1H2R2R Fiches technique(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEEFC1H2R2R Fiches technique(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 7 page ![]() Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. SMT Aluminum Electrolytic Capacitors Ω % & ' ' ( ) * * & ( ( ) * * % & ' ( ( * * * * % ' ' ( ) ) * * * % % % % & & ' ( ( * * ,PSH GDQFH N+] °& 9 Q ) PP PP P $ SFV 3DUW 1R 5R+6 QRW FRPSOLDQW 6SHFLILFDWLRQ 'LD /HQJWK 7DSLQJ &DVH VL]H &DS :9 5LSSOH FXUUHQW N+] °& 6WDQGDUG 3URGXFWV 0LQ 3DFNDJLQJ 4W\ 6L]H &RGH 3DUW 1R 5R+6 FRPSOLDQW ((()&-5 ((()&-5 ((()&-3 ((()&-3 ((()&-3 ((()&-3 ((()&-3 ((()&-3 ((()&$5 ((()&$3 ((()&$3 ((()&$3 ((()&$3 ((()&$3 ((()&&5 ((()&&5 ((()&&3 ((()&&3 ((()&&3 ((()&&3 ((()&&3 ((()&&3 ((()&&3 ((()&(55 ((()&(3 ((()&(3 ((()&(3 ((()&(3 ((()&(3 ((()&(3 ((()&(3 ((()&(3 ((()&955 ((()&955 ((()&955 ((()&955 ((()&955 ((()&95 ((()&93 ((()&93 ((()&93 ((()&93 ((()&93 ((9)&-5 ((9)&-5 ((9)&-3 ((9)&-3 ((9)&-3 ((9)&-3 ((9)&-3 ((9)&-3 ((9)&$5 ((9)&$3 ((9)&$3 ((9)&$3 ((9)&$3 ((9)&$3 ((9)&&5 ((9)&&5 ((9)&&3 ((9)&&3 ((9)&&3 ((9)&&3 ((9)&&3 ((9)&&3 ((9)&&3 ((9)&(55 ((9)&(3 ((9)&(3 ((9)&(3 ((9)&(3 ((9)&(3 ((9)&(3 ((9)&(3 ((9)&(3 ((9)&955 ((9)&955 ((9)&955 ((9)&955 ((9)&955 ((9)&95 ((9)&93 ((9)&93 ((9)&93 ((9)&93 ((9)&93 An explanation of the taping dimensions can be found on page 84. Reflow profiles can be found on page 86. Endurance: 105ºC 1000h |