| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1290CCSW Fiches technique(PDF) 22 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1290CCSW Fiches technique(HTML) 22 Page - Linear Technology |
|
22 / 32 page ![]() 22 LTC1290 1290fe S APPLICATI I FOR ATIO Differential Inputs With differential inputs or when the COM pin is not tied to ground, the A/D no longer converts just a single voltage but rather the difference between two voltages. In these cases, the voltage on the selected “+” input is still sampled and held and therefore may be rapidly time varying just as in single- ended mode. However, the voltage on the selected “–” input must remain constant and be free of noise and ripple throughout the conversion time. Otherwise, the differencing operation may not be performed accurately. The conversion time is 52 ACLK cycles. Therefore, a change in the “–” input voltage during this interval can cause conversion errors. For a sinusoidal voltage on the “–” input this error would be: VERROR (MAX) = (VPEAK)(2π)[ f(“–”)](52/fACLK) Where f(“–”) is the frequency of the “–” input voltage, VPEAK is its peak amplitude and fACLK is the frequency of the ACLK. In most cases VERROR will not be significant. For a 60Hz signal on the “–” input to generate a 0.25LSB error (300 µV) with the converter running at ACLK = 4MHz, its peak value would have to be 61mV. 5. Reference Inputs The voltage between the reference inputs of the LTC1290 defines the voltage span of the A/D converter. The refer- ence inputs will have transient capacitive switching cur- rents due to the switched capacitor conversion technique (see Figure 14). During each bit test of the conversion (every 4 ACLK cycles), a capacitive current spike will be generated on the reference pins by the A/D. These current spikes settle quickly and do not cause a problem. How- ever, if slow settling circuitry is used to drive the reference inputs, care must be taken to insure that transients caused by these current spikes settle completely during each bit test of the conversion. Figure 14. Reference Input Equivalent Circuit RON 8pF TO 40pF LTC1290 REF+ ROUT VREF EVERY 4 ACLK CYCLES 14 13 REF– LTC 1290 F14 When driving the reference inputs, two things should be kept in mind: 1. Transients on the reference inputs caused by the capacitive switching currents must settle completely during each bit test (each 4 ACLK cycles). Figures 15 and 16 show examples of both adequate and poor settling. Using a slower ACLK will allow more time for the reference to settle. However, even at the maximum ACLK rate of 4MHz most references and op amps can be made to settle within the 1 µs bit time. For example the LT1236 will settle adequately. 2. It is recommended that REF– input be tied directly to the analog ground plane. If REF– is biased at a voltage other than ground, the voltage must not change during a conversion cycle. This voltage must also be free of noise and ripple with respect to analog ground. Figure 16. Poor Reference Settling Can Cause A/D Errors HORIZONTAL: 1 µs/DIV Figure 15. Adequate Reference Settling HORIZONTAL: 1 µs/DIV |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |