Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CWR11CB686KCC Fiches technique(PDF) 3 Page - AVX Corporation

No de pièce CWR11CB686KCC
Description  CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

CWR11CB686KCC Fiches technique(HTML) 3 Page - AVX Corporation

  CWR11CB686KCC Datasheet HTML 1Page - AVX Corporation CWR11CB686KCC Datasheet HTML 2Page - AVX Corporation CWR11CB686KCC Datasheet HTML 3Page - AVX Corporation CWR11CB686KCC Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JUNE 2013
■ 27
TBJ Series
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
Parametric Specifications by Rating per MIL-PRF-55365/8
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR11 P/N
AVX COTS-Plus P/N
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
CWR11C^225*@+
TBJA 225 * 004 C # @ 0 ^ ++ TBJ A 225 * 004 C L @ 0 ^ ++
A
2.2
48
0.5
56699
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR11C^475*@+
TBJ A 475 * 004 C # @ 0 ^ ++ TBJ A 475 * 004 C L @ 0 ^ ++
A
4.7
48
0.5
56699
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR11C^685*@+
TBJ B 685 * 004 C # @ 0 ^ ++ TBJ B 685 * 004 C L @ 9 ^ ++
B
6.8
4
5.5
0.5
56699
0.085
0.12
0.11
0.05
0.68
0.62
0.27
CWR11C^106*@+
TBJ B 106 * 004 C # @ 0 ^ ++ TBJ B 106 * 004 C L @ 9 ^ ++
B
10
44
0.5
56699
0.085
0.15
0.13
0.06
0.58
0.52
0.23
CWR11C^156*@+
TBJ B 156 * 004 C # @ 0 ^ ++ TBJ B 156 * 004 C L @ 9 ^ ++
B
15
4
3.5
0.6
6
7.2
6
9
9
0.085
0.16
0.14
0.06
0.55
0.49
0.22
CWR11C^336*@+
TBJ C 336 * 004 C # @ 0 ^ ++ TBJ C 336 * 004 C L @ 9 ^ ++
C
33
4
2.2
1.3
13
15.6
6
9
9
0.110
0.22
0.20
0.09
0.49
0.44
0.20
CWR11C^686*@+
TBJ D 686 * 004 C # @ 0 ^ ++ TBJ D 686 * 004 C L @ 9 ^ ++
D
68
4
1.1
2.7
27
32.4
6
9
9
0.150
0.37
0.33
0.15
0.41
0.37
0.16
CWR11C^107*@+
TBJ D 107 * 004 C # @ 0 ^ ++ TBJ D 107 * 004 C L @ 9 ^ ++
D
100
4
0.9
4
40
48
8
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR11D^155*@+
TBJ A 155 * 006 C # @ 0 ^ ++ TBJ A 155 * 006 C L @ 9 ^ ++
A
1.5
68
0.5
56699
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR11D^225*@+
TBJ A 225 * 006 C # @ 0 ^ ++ TBJ A 225 * 006 C L @ 9 ^ ++
A
2.2
68
0.5
56669
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR11D^335*@+
TBJ A 335 * 006 C # @ 0 ^ ++ TBJ A 335 * 006 C L @ 9 ^ ++
A
3.3
68
0.5
56699
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR11D^475*@+
TBJ B 475 * 006 C # @ 0 ^ ++ TBJ B 475 * 006 C L @ 9 ^ ++
B
4.7
6
5.5
0.5
56699
0.085
0.12
0.11
0.05
0.68
0.62
0.27
CWR11D^685*@+
TBJ B 685 * 006 C # @ 0 ^ ++ TBJ B 685 * 006 C L @ 9 ^ ++
B
6.8
6
4.5
0.5
56699
0.085
0.14
0.12
0.05
0.62
0.56
0.25
CWR11D^106*@+
TBJ B 106 * 006 C # @ 0 ^ ++ TBJ B 106 * 006 C L @ 9 ^ ++
B
10
6
3.5
0.6
6
7.2
6
9
9
0.085
0.16
0.14
0.06
0.55
0.49
0.22
CWR11D^156*@+
TBJ C 156 * 006 C # @ 0 ^ ++ TBJ C 156 * 006 C L @ 9 ^ ++
C
15
6
3
0.9
9
10.8
6
9
9
0.110
0.19
0.17
0.08
0.57
0.52
0.23
CWR11D^226*@+
TBJ C 226 * 006 C # @ 0 ^ ++ TBJ C 226 * 006 C L @ 9 ^ ++
C
22
6
2.2
1.4
14
16.8
6
9
9
0.110
0.22
0.20
0.09
0.49
0.44
0.20
CWR11D^476*@+
TBJ D 476 * 006 C # @ 0 ^ ++ TBJ D 476 * 006 C L @ 9 ^ ++
D
47
6
1.1
2.8
28
33.6
6
9
9
0.150
0.37
0.33
0.15
0.41
0.37
0.16
CWR11D^686*@+
TBJ D 686 * 006 C # @ 0 ^ ++ TBJ D 686 * 006 C L @ 9 ^ ++
D
68
6
0.9
4.3
43
51.6
6
9
9
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR11F^105*@+
TBJ A 105 * 010 C # @ 0 ^ ++ TBJ A 105 * 010 C L @ 9 ^ ++
A
1
10
10
0.5
56466
0.075
0.09
0.08
0.03
0.87
0.78
0.35
CWR11F^155*@+
TBJ A 155 * 010 C # @ 0 ^ ++ TBJ A 155 * 010 C L @ 9 ^ ++
A
1.5
10
8
0.5
56669
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR11F^225*@+
TBJ A 225 * 010 C # @ 0 ^ ++ TBJ A 225 * 010 C L @ 9 ^ ++
A
2.2
10
8
0.5
56699
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR11F^335*@+
TBJ B 335 * 010 C # @ 0 ^ ++ TBJ B 335 * 010 C L @ 9 ^ ++
B
3.3
10
5.5
0.5
56699
0.085
0.12
0.11
0.05
0.68
0.62
0.27
CWR11F^475*@+
TBJ B 475 * 010 C # @ 0 ^ ++ TBJ B 475 * 010 C L @ 9 ^ ++
B
4.7
10
4.5
0.5
56699
0.085
0.14
0.12
0.05
0.62
0.56
0.25
CWR11F^685*@+
TBJ B 685 * 010 C # @ 0 ^ ++ TBJ B 685 * 010 C L @ 9 ^ ++
B
6.8
10
3.5
0.7
7
8.4
6
9
9
0.085
0.16
0.14
0.06
0.55
0.49
0.22
CWR11F^156*@+
TBJ C 156 * 010 C # @ 0 ^ ++ TBJ C 156 * 010 C L @ 9 ^ ++
C
15
10
2.5
1.5
15
18
6
6
9
0.110
0.21
0.19
0.08
0.52
0.47
0.21
CWR11F^336*@+
TBJ D 336 * 010 C # @ 0 ^ ++ TBJ D 336 * 010 C L @ 9 ^ ++
D
33
10
1.1
3.3
33
39.6
6
9
9
0.150
0.37
0.33
0.15
0.41
0.37
0.16
CWR11F^476*@+
TBJ D 476 * 010 C # @ 0 ^ ++ TBJ D 476 * 010 C L @ 9 ^ ++
D
47
10
0.9
4.7
47
56.4
6
9
9
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR11H^684*@+
TBJ A 684 * 015 C # @ 0 ^ ++ TBJ A 684 * 015 C L @ 9 ^ ++
A
0.68
15
12
0.5
56466
0.075
0.08
0.07
0.03
0.95
0.85
0.38
CWR11H^105*@+
TBJ A 105 * 015 C # @ 0 ^ ++ TBJ A 105 * 015 C L @ 9 ^ ++
A
1
15
10
0.5
56466
0.075
0.09
0.08
0.03
0.87
0.78
0.35
CWR11H^155*@+
TBJ A 155 * 015 C # @ 0 ^ ++ TBJ A 155 * 015 C L @ 9 ^ ++
A
1.5
15
8
0.5
56699
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR11H^225*@+
TBJ B 225 * 015 C # @ 0 ^ ++ TBJ B 225 * 015 C L @ 9 ^ ++
B
2.2
15
5.5
0.5
56699
0.085
0.12
0.11
0.05
0.68
0.62
0.27
CWR11H^335*@+
TBJ B 335 * 015 C # @ 0 ^ ++ TBJ B 335 * 015 C L @ 9 ^ ++
B
3.3
15
5
0.5
56689
0.085
0.13
0.12
0.05
0.65
0.59
0.26
CWR11H^475*@+
TBJ B 475 * 015 C # @ 0 ^ ++ TBJ B 475 * 015 C L @ 9 ^ ++
B
4.7
15
4
0.7
7
8.4
6
9
9
0.085
0.15
0.13
0.06
0.58
0.52
0.23
CWR11H^106*@+
TBJ C 106 * 015 C # @ 0 ^ ++ TBJ C 106 * 015 C L @ 9 ^ ++
C
10
15
2.5
1.6
16
19.2
6
8
9
0.110
0.21
0.19
0.08
0.52
0.47
0.21
CWR11H^226*@+
TBJ D 226 * 015 C # @ 0 ^ ++ TBJ D 226 * 015 C L @ 9 ^ ++
D
22
15
1.1
3.3
33
39.6
6
8
9
0.150
0.37
0.33
0.15
0.41
0.37
0.16
CWR11H^336*@+
TBJ D 336 * 015 C # @ 0 ^ ++ TBJ D 336 * 015 C L @ 9 ^ ++
D
33
15
0.9
5.3
53
63.6
6
9
9
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR11J^474*@+
TBJ A 474 * 020 C # @ 0 ^ ++ TBJ A 474 * 020 C L @ 9 ^ ++
A
0.47
20
14
0.5
56466
0.075
0.07
0.07
0.03
1.02
0.92
0.41
CWR11J^684*@+
TBJ A 684 * 020 C # @ 0 ^ ++ TBJ A 684 * 020 C L @ 9 ^ ++
A
0.68
20
12
0.5
56466
0.075
0.08
0.07
0.03
0.95
0.85
0.38
CWR11J^105*@+
TBJ A 105 * 020 C # @ 0 ^ ++ TBJ A 105 * 020 C L @ 9 ^ ++
A
1
20
10
0.5
56466
0.075
0.09
0.08
0.03
0.87
0.78
0.35
CWR11J^155*@+
TBJ B 155 * 020 C # @ 0 ^ ++ TBJ B 155 * 020 C L @ 9 ^ ++
B
1.5
20
6
0.5
56699
0.085
0.12
0.11
0.05
0.71
0.64
0.29
CWR11J^225*@+
TBJ B 225 * 020 C # @ 0 ^ ++ TBJ B 225 * 020 C L @ 9 ^ ++
B
2.2
20
5
0.5
56689
0.085
0.13
0.12
0.05
0.65
0.59
0.26
CWR11J^335*@+
TBJ B 335 * 020 C # @ 0 ^ ++ TBJ B 335 * 020 C L @ 9 ^ ++
B
3.3
20
4
0.7
7
8.4
6
9
9
0.085
0.15
0.13
0.06
0.58
0.52
0.23
CWR11J^475*@+
TBJ C 475 * 020 C # @ 0 ^ ++ TBJ C 475 * 020 C L @ 9 ^ ++
C
4.7
20
3
1
10
12
6
8
9
0.110
0.19
0.17
0.08
0.57
0.52
0.23
CWR11J^685*@+
TBJ C 685 * 020 C # @ 0 ^ ++ TBJ C 685 * 020 C L @ 9 ^ ++
C
6.8
20
2.4
1.4
14
16.8
6
9
9
0.110
0.21
0.19
0.09
0.51
0.46
0.21
CWR11J^156*@+
TBJ D 156 * 020 C # @ 0 ^ ++ TBJ D 156 * 020 C L @ 9 ^ ++
D
15
20
1.1
3
30
36
6
8
9
0.150
0.37
0.33
0.15
0.41
0.37
0.16
CWR11J^226*@+
TBJ D 226 * 020 C # @ 0 ^ ++ TBJ D 226 * 020 C L @ 9 ^ ++
D
22
20
0.9
4.4
44
52.8
6
9
9
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR11K^334*@+
TBJ A 334 * 025 C # @ 0 ^ ++ TBJ A 334 * 025 C L @ 9 ^ ++
A
0.33
25
15
0.5
56466
0.075
0.07
0.06
0.03
1.06
0.95
0.42
CWR11K^474*@+
TBJ A 474 * 025 C # @ 0 ^ ++ TBJ A 474 * 025 C L @ 9 ^ ++
A
0.47
25
14
0.5
56466
0.075
0.07
0.07
0.03
1.02
0.92
0.41
CWR11K^684*@+
TBJ B 684 * 025 C # @ 0 ^ ++ TBJ B 684 * 025 C L @ 9 ^ ++
B
0.68
25
7.5
0.5
56466
0.085
0.11
0.10
0.04
0.80
0.72
0.32
CWR11K^105*@+
TBJ B 105 * 025 C # @ 0 ^ ++ TBJ B 105 * 025 C L @ 9 ^ ++
B
1
25
6.5
0.5
56466
0.085
0.11
0.10
0.05
0.74
0.67
0.30
CWR11K^155*@+
TBJ B 155 * 025 C # @ 0 ^ ++ TBJ B 155 * 025 C L @ 9 ^ ++
B
1.5
25
6.5
0.5
56689
0.085
0.11
0.10
0.05
0.74
0.67
0.30
CWR11K^225*@+
TBJ C 225 * 025 C # @ 0 ^ ++ TBJ C 225 * 025 C L @ 9 ^ ++
C
2.2
25
3.5
0.6
6
7.2
6
9
9
0.110
0.18
0.16
0.07
0.62
0.56
0.25
CWR11K^335*@+
TBJ C 335 * 025 C # @ 0 ^ ++ TBJ C 335 * 025 C L @ 9 ^ ++
C
3.3
25
3.5
0.9
9
10.8
6
8
9
0.110
0.18
0.16
0.07
0.62
0.56
0.25
CWR11K^475*@+
TBJ C 475 * 025 C # @ 0 ^ ++ TBJ C 475 * 025 C L @ 9 ^ ++
C
4.7
25
2.5
1.2
12
14.4
6
9
9
0.110
0.21
0.19
0.08
0.52
0.47
0.21
CWR11K^685*@+
TBJ D 685 * 025 C # @ 0 ^ ++ TBJ D 685 * 025 C L @ 9 ^ ++
D
6.8
25
1.4
1.7
17
20.4
6
9
9
0.150
0.33
0.29
0.13
0.46
0.41
0.18
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.



Html Pages

1 2 3 4