Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8564AU/5BB/1 Fiches technique(PDF) 23 Page - NXP Semiconductors

No de pièce PCF8564AU/5BB/1
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU/5BB/1 Fiches technique(HTML) 23 Page - NXP Semiconductors

Back Button PCF8564AU/5BB/1 Datasheet HTML 19Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 20Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 21Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 22Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 23Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 24Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 25Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 26Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
23 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
10. I2C-bus protocol
10.1 Addressing
Before any data is transmitted on the I2C-bus, the device which should respond is
addressed first. The addressing is always carried out with the first byte transmitted after
the start procedure.
The PCF8564A acts as a slave receiver or slave transmitter. Therefore, the clock signal
SCL is only an input signal, but the data signal SDA is a bidirectional line.
Two slave addresses are reserved for the PCF8564A:
Read: A3h (1010 0011)
Write: A2h (1010 0010)
The PCF8564A slave address is shown in Figure 14.
10.2 Clock and calendar READ or WRITE cycles
Figure 16, Figure 17, and Figure 18 show the I2C-bus configuration for the different
PCF8564A READ and WRITE cycles. The word address is a 4-bit value that defines
which register is to be accessed next. The upper four bits of the word address are not
used.
Fig 15. Slave address
Fig 16. Master transmits to slave receiver (WRITE mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48