| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8564A_1308 Fiches technique(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8564A_1308 Fiches technique(HTML) 22 Page - NXP Semiconductors |
|
22 / 48 page ![]() PCF8564A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 3 — 26 August 2013 22 of 48 NXP Semiconductors PCF8564A Real time clock and calendar 9.4 Acknowledge The number of data bytes transferred between the START and STOP conditions from transmitter to receiver is unlimited. Each byte of eight bits is followed by an acknowledge cycle. • A slave receiver, which is addressed, must generate an acknowledge after the reception of each byte. • Also a master receiver must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. • The device that acknowledges must pull-down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse (set-up and hold times must be taken into consideration). • A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the master to generate a STOP condition. Acknowledgement on the I2C-bus is shown in Figure 14. Fig 13. System configuration Fig 14. Acknowledgment on the I2C-bus |