Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB4624 Fiches technique(PDF) 39 Page - SMSC Corporation

No de pièce USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4624 Fiches technique(HTML) 39 Page - SMSC Corporation

Back Button USB4624 Datasheet HTML 35Page - SMSC Corporation USB4624 Datasheet HTML 36Page - SMSC Corporation USB4624 Datasheet HTML 37Page - SMSC Corporation USB4624 Datasheet HTML 38Page - SMSC Corporation USB4624 Datasheet HTML 39Page - SMSC Corporation USB4624 Datasheet HTML 40Page - SMSC Corporation USB4624 Datasheet HTML 41Page - SMSC Corporation USB4624 Datasheet HTML 42Page - SMSC Corporation USB4624 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
SMSC USB4624
39
Revision 1.0 (06-17-13)
DATASHEET
Table 7.3 Upstream Custom Battery Charger Control Register
UP_CUST_BC_CTL
(0x30E3 - RESET= 0x00)
UPSTREAM CUSTOM BATTERY CHARGING CONTROL
BIT
NAME
R/W
DESCRIPTION
7
I2CControl
R/W
I2C control
0: I2C control disabled
1: I2C control enabled
6
DmPulldownEn
R/W
DM 15K pull down resistor control
0: DM 15K pull down resistor disabled
1: DM 15K pull down resistor enabled
5
DpPulldownEn
R/W
DP 15K pull down resistor control
0: DP 15K pull down resistor disabled
1: DP 15K pull down resistor enabled
4
IdatSinkEn
R/W
Idat current sink control
0: Idat current sink disabled
1: Idat current sink enabled
3
HostChrgEn
R/W
Host charger detection swap control
0: Charger detection connections of DP and DM are not swapped
(standard)
1: Charger detection connections of DP and DM are swapped. The USB
signal path is not reversed.
2
VdatSrcEn
R/W
Vdat voltage source control
0: Vdat voltage source disabled
1: Vdat voltage source enabled
1
ContactDetectEn
R/W
Contact detect current source control
0: Contact detect current source disabled
1: Contact detect current source enabled
0
SeRxEn
R/W
Single-ended receiver control
0: Single-ended receiver disabled
1: Single-ended receiver enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68