| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3503 Fiches technique(PDF) 21 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB3503 Fiches technique(HTML) 21 Page - SMSC Corporation |
|
21 / 82 page ![]() USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications Datasheet SMSC USB3503A 21 Revision 1.1 (02-07-13) DATASHEET Figure 4.1 Modes of Operation Flowchart Hub Communication Stage (USB Traffic) Hub Connect Stage Hub Configuration Stage Hub Wait RefClk Stage Start (SOC Set Pin RESET_N=0) Host Enumerates and Configures Hub Host Initiates Data Transfers to Downstream Devices SOC Set Pin RESET_N=0 System to power down HSIC I/F N Y Legend Hub Mode Standby Mode Hub Initialization Stage Core Regulator Enabled Power-On-Reset PLL Synchronization Timeout or I2C Write SP_ILOCK. config_n=1 I2C Write Wait for I2C bit SP_ILOCK.config_n=0 Timeout SP_ILOCK. config_n 0 1 REF_CLK available N Wait for REF_CLK Y Wait for Pin HUB_CONNECT=1 OR I2C bit SP_ILOCK.connect_n=0 |