| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2532 Fiches technique(PDF) 55 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2532 Fiches technique(HTML) 55 Page - SMSC Corporation |
|
55 / 60 page ![]() USB 2.0 Hi-Speed 2-Port Hub Controller Datasheet SMSC USB2532 55 Revision 1.0 (06-17-13) DATASHEET 9.5 AC Specifications This section details the various AC timing specifications of the device. 9.5.1 Power-On Configuration Strap Valid Timing Figure 9.2 illustrates the configuration strap timing requirements, in relation to power-on, for applications where RESET_N is not used at power-on. The operational level (Vopp) for the external power supply is detailed in Section 9.2, "Operating Conditions**," on page 52. Note: For RESET_N configuration strap timing requirements, refer to Section 9.5.2, "Reset and Configuration Strap Timing," on page 56. Figure 9.2 Power-On Configuration Strap Valid Timing Table 9.4 Power-On Configuration Strap Valid Timing SYMBOL DESCRIPTION MIN TYP MAX UNITS tcsh Configuration strap hold after external power supply at operational level 1ms External Power Supply Vopp Configuration Straps tcsh |