| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2422/MJ Fiches technique(PDF) 34 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2422/MJ Fiches technique(HTML) 34 Page - SMSC Corporation |
|
34 / 51 page ![]() 2-Port USB 2.0 Hi-Speed Hub Controller Datasheet Revision 1.0 (06-04-13) 34 SMSC USB2422 DATASHEET 4.4.20 Manufacturer String Length Register (MFRSL) 4.4.21 Product String Length Register (PRDSL) 4.4.22 Serial String Length Register (SERSL) 4.4.23 Manufacturer String Registers (MANSTR) Address: 13h Size: 8 bits BITS DESCRIPTION TYPE DEFAULT 7:0 Manufacturer String Length (MFR_STR_LEN) Maximum string length is 31 characters. R/W 00h Address: 14h Size: 8 bits BITS DESCRIPTION TYPE DEFAULT 7:0 Product String Length (PRD_STR_LEN) Maximum string length is 31 characters. R/W 00h Address: 15h Size: 8 bits BITS DESCRIPTION TYPE DEFAULT 7:0 Serial String Length (SER_STR_LEN) Maximum string length is 31 characters. R/W 00h Address: 16h-53h Size: 8 bits BITS DESCRIPTION TYPE DEFAULT 7:0 Manufacturer String (MFR_STR) UNICODE UTF-16LE per USB 2.0 Specification. Maximum string length is 31 characters (62 Bytes). Note: The String consists of individual 16 Bit UNICODE UTF-16LE characters. The Characters will be stored starting with the LSB at the least significant address and the MSB at the next 8-bit location (subsequent characters must be stored in sequential contiguous address in the same LSB, MSB manner). R/W 00h |