Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP55231 Fiches technique(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
No de pièce LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Fiches technique(HTML) 27 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 23Page - Texas Instruments LP55231 Datasheet HTML 24Page - Texas Instruments LP55231 Datasheet HTML 25Page - Texas Instruments LP55231 Datasheet HTML 26Page - Texas Instruments LP55231 Datasheet HTML 27Page - Texas Instruments LP55231 Datasheet HTML 28Page - Texas Instruments LP55231 Datasheet HTML 29Page - Texas Instruments LP55231 Datasheet HTML 30Page - Texas Instruments LP55231 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
Table 3. Control Register Map (continued)
Hex
Read/Writ
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
e
After Reset
D8
[7]
R
0xxxxxxx
Engine 1 mapping information, D8 output
D7
[6]
R
x0xxxxxx
Engine 1 mapping information, D7 output
D6
[5]
R
xx0xxxxx
Engine 1 mapping information, D6 output
D5
[4]
R
xxx0xxxx
Engine 1 mapping information, D5 output
71
ENG1 MAPPING LSB
D4
[3]
R
xxxx0xxx
Engine 1 mapping information, D4 output
D3
[2]
R
xxxxx0xx
Engine 1 mapping information, D3 output
D2
[1]
R
xxxxxx0x
Engine 1 mapping information, D2 output
D1
[0]
R
xxxxxxx0
Engine 1 mapping information, D1 output
D9
72
ENG2 MAPPING MSB
[0]
R
xxxxxxx0
Engine 2 mapping information, D9 output
D8
[7]
R
0xxxxxxx
Engine 2 mapping information, D8 output
D7
[6]
R
x0xxxxxx
Engine 2 mapping information, D7 output
D6
[5]
R
xx0xxxxx
Engine 2 mapping information, D6 output
D5
[4]
R
xxx0xxxx
Engine 2 mapping information, D5 output
73
ENG2 MAPPING LSB
D4
[3]
R
xxxx0xxx
Engine 2 mapping information, D4 output
D3
[2]
R
xxxxx0xx
Engine 2 mapping information, D3 output
D2
[1]
R
xxxxxx0x
Engine 2 mapping information, D2 output
D1
[0]
R
xxxxxxx0
Engine 2 mapping information, D1 output
D9
74
ENG3 MAPPING MSB
[0]
R
xxxxxxx0
Engine 3 mapping information, D9 output
D8
[7]
R
0xxxxxxx
Engine 3 mapping information, D8 output
D7
[6]
R
x0xxxxxx
Engine 3 mapping information, D7 output
D6
[5]
R
xx0xxxxx
Engine 3 mapping information, D6 output
D5
[4]
R
xxx0xxxx
Engine 3 mapping information, D5 output
75
ENG3 MAPPING LSB
D4
[3]
R
xxxx0xxx
Engine 3 mapping information, D4 output
D3
[2]
R
xxxxx0xx
Engine 3 mapping information, D3 output
D2
[1]
R
xxxxxx0x
Engine 3 mapping information, D2 output
D1
[0]
R
xxxxxxx0
Engine 3 mapping information, D1 output
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53