Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431CDBVR Fiches technique(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431CDBVR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL431CDBVR Fiches technique(HTML) 58 Page - Texas Instruments

Back Button TL431CDBVR Datasheet HTML 54Page - Texas Instruments TL431CDBVR Datasheet HTML 55Page - Texas Instruments TL431CDBVR Datasheet HTML 56Page - Texas Instruments TL431CDBVR Datasheet HTML 57Page - Texas Instruments TL431CDBVR Datasheet HTML 58Page - Texas Instruments TL431CDBVR Datasheet HTML 59Page - Texas Instruments TL431CDBVR Datasheet HTML 60Page - Texas Instruments TL431CDBVR Datasheet HTML 61Page - Texas Instruments TL431CDBVR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL431ACDCKR
SC70
DCK
6
3000
202.0
201.0
28.0
TL431ACDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431ACDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431ACPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL431ACPSR
SO
PS
8
2000
346.0
346.0
33.0
TL431ACPWR
TSSOP
PW
8
2000
346.0
346.0
29.0
TL431AIDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431AIDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431AIDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431AIDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431AIPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL431AQDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431AQDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431AQDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL431AQDBZR
SOT-23
DBZ
3
3000
203.0
203.0
35.0
TL431AQDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431AQDBZT
SOT-23
DBZ
3
250
203.0
203.0
35.0
TL431AQDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431AQDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431BCDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431BCDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431BCDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431BCDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431BCDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431BCPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL431BCPSR
SO
PS
8
2000
346.0
346.0
33.0
TL431BCPWR
TSSOP
PW
8
2000
346.0
346.0
29.0
TL431BIDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431BIDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431BIDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431BIDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431BIDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431BIPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL431BQDBVR
SOT-23
DBV
5
3000
203.0
203.0
35.0
TL431BQDBVT
SOT-23
DBV
5
250
203.0
203.0
35.0
TL431BQDBZR
SOT-23
DBZ
3
3000
203.0
203.0
35.0
TL431BQDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL431BQDBZT
SOT-23
DBZ
3
250
203.0
203.0
35.0
TL431BQDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431BQDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431BQDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431BQDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431CDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
PACKAGE MATERIALS INFORMATION
www.ti.com
29-Jul-2011
Pack Materials-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79